Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F800BJHB-43 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH28F800BJHB-43
Description  8M (x8/x16) Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BJHB-43 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH28F800BJHB-43 Datasheet HTML 6Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 7Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 8Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 9Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 10Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 11Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 12Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 13Page - Sharp Corporation LH28F800BJHB-43 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
LHF80J43
8
Rev. 1.27
2.1 Data Protection
When VCCW≤VCCWLK, memory contents cannot be
altered. The CUI, with two-step block erase, full chip
erase, word/byte write or lock-bit configuration command
sequences, provides protection from unwanted operations
even when high voltage is applied to VCCW. All write
functions are disabled when VCC is below the write
lockout voltage VLKO or when RP# is at VIL. The device’s
block locking capability provides additional protection
from inadvertent code or data alteration by gating block
erase, full chip erase and word/byte write operations.
Refer to Table 5 for write protection alternatives.
3 BUS OPERATION
The local CPU reads and writes flash memory in-system.
All bus cycles to or from the flash memory conform to
standard microprocessor bus cycles.
3.1 Read
Information can be read from any block, identifier codes
or status register independent of the VCCW voltage. RP#
can be at VIH.
The first task is to write the appropriate read mode
command (Read Array, Read Identifier Codes or Read
Status Register) to the CUI. Upon initial device power-up
or after exit from reset mode, the device automatically
resets to read array mode. Six control pins dictate the data
flow in and out of the component: CE#, OE#, BYTE#,
WE#, RP# and WP#. CE# and OE# must be driven active
to obtain data at the outputs. CE# is the device selection
control, and when active enables the selected memory
device. OE# is the data output (DQ0-DQ15) control and
when active drives the selected memory data onto the I/O
bus. BYTE# is the device I/O interface mode control.
WE# must be at VIH, RP# must be at VIH, and BYTE#
and WP# must be at VIL or VIH. Figure 16, 17 illustrates
read cycle.
3.2 Output Disable
With OE# at a logic-high level (VIH), the device outputs
are disabled. Output pins (DQ0-DQ15) are placed in a
high-impedance state.
3.3 Standby
CE# at a logic-high level (VIH) places the device in
standby mode which substantially reduces device power
consumption. DQ0-DQ15 outputs are placed in a high-
impedance state independent of OE#. If deselected during
block erase, full chip erase, word/byte write or lock-bit
configuration, the device continues functioning, and
consuming active power until the operation completes.
3.4 Reset
RP# at VIL initiates the reset mode.
In read modes, RP#-low deselects the memory, places
output drivers in a high-impedance state and turns off all
internal circuits. RP# must be held low for a minimum of
100ns. Time tPHQV is required after return from reset
mode until initial memory access outputs are valid. After
this wake-up interval, normal operation is restored. The
CUI is reset to read array mode and status register is set to
80H.
During block erase, full chip erase, word/byte write or
lock-bit configuration modes, RP#-low will abort the
operation. RY/BY# remains low until the reset operation
is complete. Memory contents being altered are no longer
valid; the data may be partially erased or written. Time
tPHWL is required after RP# goes to logic-high (VIH)
before another command can be written.
As with any automated device, it is important to assert
RP# during system reset. When the system comes out of
reset, it expects to read from the flash memory. Automated
flash memories provide status information when accessed
during block erase, full chip erase, word/byte write or
lock-bit configuration modes. If a CPU reset occurs with
no flash memory reset, proper CPU initialization may not
occur because the flash memory may be providing status
information instead of array data. SHARP’s flash
memories allow proper CPU initialization following a
system reset through the use of the RP# input. In this
application, RP# is controlled by the same RESET# signal
that resets the system CPU.


Similar Part No. - LH28F800BJHB-43

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
More results

Similar Description - LH28F800BJHB-43

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PTTLZ1 SHARP-LH28F800BJE-PTTLZ1 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com