Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP80N06T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHP80N06T
Description  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP80N06T Datasheet(HTML) 4 Page - NXP Semiconductors

  PHP80N06T Datasheet HTML 1Page - NXP Semiconductors PHP80N06T Datasheet HTML 2Page - NXP Semiconductors PHP80N06T Datasheet HTML 3Page - NXP Semiconductors PHP80N06T Datasheet HTML 4Page - NXP Semiconductors PHP80N06T Datasheet HTML 5Page - NXP Semiconductors PHP80N06T Datasheet HTML 6Page - NXP Semiconductors PHP80N06T Datasheet HTML 7Page - NXP Semiconductors PHP80N06T Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHP80N06T
Standard level FET
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 5 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
160
180
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-07
1E-05
1E-03
1E-01
1E+01
t / s
Zth / (K/W)
1E+01
1E+00
1E-01
1E-02
1E-03
0
0.5
0.2
0.1
0.05
0.02
BUKX514-55
D =
tp
tp
T
T
P
t
D
0
20
40
60
80
100
120
140
160
180
Tmb / C
ID (A)
Current Derating
100
80
60
40
20
0
Limited by package
0
2
468
10
0
20
40
60
80
100
16
10
8
7.5
7
6.5
6
5.5
5
4.5
4
VGS/V =
ID/A
VDS/V
VDS / V
ID / A
1 us
10 us
100 us
1 ms
10 ms
100 ms
tp =
1
10
100
1000
110
55
RDS(ON) = VDS/ID
DC
SOAX514
100
0
5
10
15
20
25
30
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
RDS(ON)/mOhm
VGS/V =
6
6.5
7
8
10
9
ID/A
December 1997
4
Rev 1.100


Similar Part No. - PHP80N06T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PHP80N06T VBSEMI-PHP80N06T Datasheet
994Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PHP80N06T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com