Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH806DTI Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH806DTI
Description  Tandem 600V HYPERFAST BOOST DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH806DTI Datasheet(HTML) 5 Page - STMicroelectronics

  STTH806DTI Datasheet HTML 1Page - STMicroelectronics STTH806DTI Datasheet HTML 2Page - STMicroelectronics STTH806DTI Datasheet HTML 3Page - STMicroelectronics STTH806DTI Datasheet HTML 4Page - STMicroelectronics STTH806DTI Datasheet HTML 5Page - STMicroelectronics STTH806DTI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STTH806DTI
5/6
®
PACKAGE MECHANICAL DATA
Insulted TO-220AC
A
C
D
E
M
L7
H2
Ø I
L5
L6
L9
L4
G
F1
F
L2
ORDERING INFORMATION
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.55 m.N.
Maximum torque value: 0.70 m.N.
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STTH806DTI
STTH806DTI
Insulated
TO-220AC
1.90 g
50
Tube
Date
Revision
Changes
Oct-2003
2A
Initial release
May-2004
3
Reformatted
29-Jun-2005
4
Corrections to typographical errors. No technical changes.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151


Similar Part No. - STTH806DTI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
More results

Similar Description - STTH806DTI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
   Tandem 600V HYPERFAST BOOST DIODE
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
   Tandem 600 V hyperfast boost diode
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
STTH1506TPI STMICROELECTRONICS-STTH1506TPI Datasheet
71Kb / 5P
   Tandem 600V Hyperfast Rectifer
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
STTH806TTI STMICROELECTRONICS-STTH806TTI Datasheet
58Kb / 5P
   TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
STTH1008DTI STMICROELECTRONICS-STTH1008DTI Datasheet
264Kb / 9P
   800 V tandem hyperfast diode
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com