Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACK100M63V5X6.1TR13T2F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACK100M63V5X6.1TR13T2F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACK100M63V5X6.1TR13T2F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACK100M63V5X6.1TR13T2F Datasheet HTML 1Page - NIC-Components Corp. NACK100M63V5X6.1TR13T2F Datasheet HTML 2Page - NIC-Components Corp. NACK100M63V5X6.1TR13T2F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
46
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
NACK Series
STANDARD PRODUCT AND CASE SIZE D
φ xL (mm)
Cap (
µF)
Code
Working Voltage (Vdc)
6.3
10162535506380
100
3.3
3R3
-
-
-
-
-
-
-
5x6.1
-
4.7
4R7
-
-
-
-
4x6.1
4x6.1
5x6.1
6.3x6.1
-
10
100
-
-
4x6.1
4x6.1
4x6.1
5x6.1
6.3x6.1
6.3x8
-
5x6.1
6.3x6.1
8x6.5
22
220
4x6.1
4x6.1
4x6.1
5x6.1
5x6.1
6.3x6.1
6.3x8
8x10.5
8x10.5
5x6.1
8x6.5
33
330
-
4x6.1
-
5x6.1
6.3x1
6.3x8
8x10.5
8x10.5
10x10.5
5x6.1
6.3x6.1
8x6.5
47
470
4x6.1
-
5x6.1
6.3x6.1
6.3x6.1
6.3x8
8x10.5
10x10.5
12.5x14
5x6.1
6.3x6.1
8x6.5
68
680
-
-
6.3x6.1
6.3x6.1
6.3x8
-
8x10.5
12.5x14
12.5x14
100
101
5x6.1
-
6.3x6.1
6.3x8
6.3x8
8x10.5
10x10.5
12.5x14
16x17
6.3x6.1
8x6.5
8x10.5
150
151
-
6.3x6.1
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
12.5x14
16x17
220
221
6.3x6.1
6.3x8
6.3x8
8x10.5
8x10.5
10x10.5
12.5x14
-
18x17
8x6.5
8x6.5
330
331
6.3x8
8x10.5
8x10.5
8x10.5
10x10.5
12.5x14
-
16x17
18x17
8x6.5
470
471
8x10.5
8x10.5
8x10.5
10x10.5
12.5x14
16x17
16x17
18x17
-
680
681
-
8x10.5
10x10.5
-
12.5x14
16x17
18x17
-
-
1000
102
8x10.5
10x10.5
-
12.5x14
16x17
16x17
-
-
-
1500
152
10x10.5
-
12.5x14
-
16x17
-
-
-
-
2200
222
-
12.5x14
-
16x17
-
-
-
-
-
3300
332
12.5x14
-
16x17
18x17
-
-
-
-
-
4700
472
-
16x17
18x17
-
-
-
-
-
-
6800
682
16x17
18x17
-
-
-
-
-
-
-
Case Size
D
φ ±0.5 L max.
A, B ±0.2
H max.
I ±0.3
P ±0.3
W
K
R
S
T
4 x 6.1
4.0
6.1
4.3
5.5
1.8
1.0
0.65 ± 0.1
0.35 ± 0.2
-
-
-
5 x 6.1
5.0
6.1
5.3
6.5
2.2
1.5
0.65 ± 0.1
0.35 ± 0.2
-
-
-
6.3 6.1
6.3
6.1
6.6
7.8
2.6
1.8
0.65 ± 0.1
0.35 ± 0.2
-
-
-
6.3 x 8
6.3
8.0
6.6
7.8
2.6
1.8
0.65 ± 0.1
0.35 ± 0.2
-
-
-
8 x 6.5
8.0
6.5
8.3
9.5
3.4
2.2
0.65 ± 0.1
0.35 ± 0.2
-
-
-
8 x 10.5
8.0
10.5
8.3
10.0
3.4
3.1
0.9 ± 0.2
0.7 ± 0.2
-
-
-
10 x 10.5
10.0
10.5
10.3
12.0
3.5
4.6
0.9 ± 0.2
0.7 ± 0.2
-
-
-
12.5 x 14T2
12.5
14.0
13.5
15.0
4.7
4.4
0.9 ± 0.3
0.7 ± 0.3
-
-
-
12.5 x 14WT
12.5
14.0
13.5
15.0
4.7
4.4
1.2 ± 0.3
0.7 ± 0.3
2.2 ± 0.2
7.1 ± 0.2
2.4 ± 0.2
16 x 17T2
16.0
17.5
17.0
19.0
5.5
6.7
1.2 ± 0.3
0.7 ± 0.3
-
-
-
16 x 17WT
16.0
17.5
17.0
19.0
5.5
6.7
1.4 ± 0.3
0.7 ± 0.3
3.0 ± 0.2
9.0 ± 0.2
1.9 ± 0.2
18 x 17T2
18.0
17.5
19.0
21.0
6.7
6.7
1.2 ± 0.2
0.7 ± 0.3
-
-
-
18 x 17WT
18.0
17.5
19.0
21.0
6.7
6.7
1.4 ± 0.2
0.7 ± 0.3
3.0 ± 0.2
11.0 ± 0.2
1.9 ± 0.2
DIMENSIONS (mm)
B
STANDARD
I
I
W
P
A
+
-
I
I
W
P
A
R
R
S
T
WT STYLE
B
+
-
Termination deflection:
T2 = +0.3mm
WT = + 0.15mm/- 0.05mm
D
φ
L
Anti-Vibration
Skirt
on WT Style
12.5, 16 &
18mm Dia.
K
K
H
Denotes New Value


Similar Part No. - NACK100M63V5X6.1TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK100M63V63x61TR13F NIC-NACK100M63V63x61TR13F Datasheet
202Kb / 6P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACK100M63V5X6.1TR13T2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com