Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2786G+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2786G+
Description  Standalone OCV-Based Fuel Gauge
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2786G+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2786G+ Datasheet HTML 1Page - Maxim Integrated Products DS2786G+ Datasheet HTML 2Page - Maxim Integrated Products DS2786G+ Datasheet HTML 3Page - Maxim Integrated Products DS2786G+ Datasheet HTML 4Page - Maxim Integrated Products DS2786G+ Datasheet HTML 5Page - Maxim Integrated Products DS2786G+ Datasheet HTML 6Page - Maxim Integrated Products DS2786G+ Datasheet HTML 7Page - Maxim Integrated Products DS2786G+ Datasheet HTML 8Page - Maxim Integrated Products DS2786G+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS2786 Standalone OCV-Based Fuel Gauge
4 of 21
Note 1:
All voltages are referenced to VSS.
Note 2:
Offset specified after auto-calibration cycle and Current Offset Bias Register = 00h.
Note 3:
The DS2786 enters the Sleep mode 1.5s to 2.2s after (SCL < VIL) AND (SDA < VIL).
Note 4:
Timing must be fast enough to prevent the DS2786 from entering Sleep mode due to bus low for period
> tSLEEP.
Note 5:
fSCL must meet the minimum clock low time plus the rise/fall times.
Note 6:
The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL
signal.
Note 7:
This device internally provides a hold time of at least 100ns for the SDA signal (referred to the VIHmin of
the SCL signal) to bridge the undefined region of the falling edge of SCL.
Note 8:
Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instant.
Note 9:
CB—total capacitance of one bus line in pF.
Figure 1. 2-Wire Bus Timing Diagram
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
AIN1
Aux Voltage Input Number 1
2
AIN0
Aux Voltage Input Number 0
3
SCL
Serial Clock Input.
Input only 2-wire clock line. Connect this pin to the clock signal of the
2-wire interface. This pin has a 0.2µA typical pulldown to sense disconnection.
4
SDA
Serial Data Input/Output.
Open drain 2-wire data line. Connect this pin to the clock
signal of the 2-wire interface. This pin has a 0.2µA typical pulldown to sense
disconnection.
5
SNS
Current-Sense Input.
Connect to the handset side of the sense resistor.
6
VSS
Device Ground.
Connect to the battery side of the sense resistor.
7
VPROG
EEPROM Programming Voltage Input.
Connect to external supply for production
programming. Connect to VSS during normal operation.
8
VOUT
Voltage Out.
Supply for Aux Input Voltage Measurement Dividers. Connect to high side
of resistor divider circuits.
9
VIN
Battery Voltage Input.
The voltage of the cell pack is measured through this pin.
10
VDD
Power-Supply Input.
2.5V to 5.5V input range. Connect to system power through a
decoupling network.
PAD
PAD
Exposed Pad.
Connect to VSS.


Similar Part No. - DS2786G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786G++ MAXIM-DS2786G+ Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
DS2786G+TR MAXIM-DS2786G+TR Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
More results

Similar Description - DS2786G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2786 MAXIM-DS2786_09 Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
STMicroelectronics
STEVAL-ISQ008V1 STMICROELECTRONICS-STEVAL-ISQ008V1 Datasheet
485Kb / 7P
   Fuel gauge implementation based on the STM32F103x
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
Intersil Corporation
ISL6295CVZ INTERSIL-ISL6295CVZ Datasheet
286Kb / 25P
   Low Voltage Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com