Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAWU220M6.3V4X6.1JBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAWU220M6.3V4X6.1JBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWU220M6.3V4X6.1JBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAWU220M6.3V4X6.1JBF Datasheet HTML 1Page - NIC-Components Corp. NAWU220M6.3V4X6.1JBF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
16
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
17
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NAWU Series
Case Size
φD
L max. A ± 0.2 B ± 0.2 I ± 0.2
W
P ± 0.2
4x6.1
4.0
6.1
4.3
4.3
1.8
0.5 ~ 0.8
1.0
5x6.1
5.0
6.1
5.3
5.3
2.2
0.5 ~ 0.8
1.3
6.3x6.1
6.3
6.1
6.6
6.6
2.7
0.5 ~ 0.8
1.8
DIMENSIONS D x L (mm)
Cap
(µF) Code
Working Voltage (Vdc)
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
R10
-
-
-
-
-
4X6.1
0.22 R22
-
-
-
-
-
4X6.1
0.33 R33
-
-
-
-
-
4X6.1
0.47 R47
-
-
-
-
-
4X6.1
1.0
1R0
-
-
-
-
-
4X6.1
2.2
2R2
-
-
-
-
-
4X6.1
3.3
3R3
-
-
-
-
-
4X6.1
4.7
4R7
-
-
-
-
4X6.1
5X6.1
10
100
-
-
4X6.1
-
5X6.1
6.3X6.1
22
220
4X6.1
-
5X6.1
-
6.3X6.1
-
33
330
-
5X6.1
-
6.3X6.1
-
-
47
470
5X6.1
-
6.3X6.1
-
-
-
100
101
6.3X6.1
-
-
-
-
-
STANDARD PRODUCTS AND CASE SIZE TABLE D x L (mm)
0.3mm max.
L
+
-
I
I
W
P
A
B
+
-
+
-
REFLOW SOLDERING PROFILE
Cool Down
180 sec.
25
50
100
150
200
Pre-Heat 100°C ~ 200°C
Time above 200°C
60 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
Peak Temperature = 240°C for 5 seconds
Time above 220°C 40 seconds
240
Time above 220°C 40 seconds
RECOMMENDED LAND PATTERN (mm)
+
-
b
b
a
c
Solder Pads
Case Dia.
a
b
c
4
1.0
2.6
1.6
5
1.4
3.0
1.6
6.3
2.1
3.5
1.6
CARRIER TAPE DIMENSIONS & REEL QTY
Case Size A ±0.5 B ±0.2 C ±0.3 D ±0.1 P ±0.1 T ±0.2
Qty
4 x 6.1
4.7
4.7
12.0
5.5
8.0
6.2
1,200
5 x 6.1
5.7
5.7
12.0
5.5
12.0
6.2
800
6.3 x 6.1
7.0
7.0
16.0
7.5
12.0
6.2
800
T
A
P
Feeding
++
-
1.5φφ+0.1/-0
+0.1/-0
1.75
1.75 ++ 0.15
0.4 + 0.2
4 + 0.1


Similar Part No. - NAWU220M6.3V4X6.1JBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWU220M10V5X63LBF NIC-NAWU220M10V5X63LBF Datasheet
168Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU220M160V125X14HLBF NIC-NAWU220M160V125X14HLBF Datasheet
168Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU220M16V5X63LBF NIC-NAWU220M16V5X63LBF Datasheet
168Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU220M200V125X14HLBF NIC-NAWU220M200V125X14HLBF Datasheet
168Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU220M25V63X63LBF NIC-NAWU220M25V63X63LBF Datasheet
168Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWU220M6.3V4X6.1JBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com