Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP87N03LT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHP87N03LT
Description  N-channel TrenchMOS transistor Logic level FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP87N03LT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHP87N03LT Datasheet HTML 3Page - NXP Semiconductors PHP87N03LT Datasheet HTML 4Page - NXP Semiconductors PHP87N03LT Datasheet HTML 5Page - NXP Semiconductors PHP87N03LT Datasheet HTML 6Page - NXP Semiconductors PHP87N03LT Datasheet HTML 7Page - NXP Semiconductors PHP87N03LT Datasheet HTML 8Page - NXP Semiconductors PHP87N03LT Datasheet HTML 9Page - NXP Semiconductors PHP87N03LT Datasheet HTML 10Page - NXP Semiconductors PHP87N03LT Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP87N03LT, PHB87N03LT
Logic level FET
PHD87N03LT
MECHANICAL DATA
Fig.18. SOT428 surface mounting package. Centre pin connected to mounting base.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT428
98-04-07
0
10
20 mm
scale
Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads
(one lead cropped)
SOT428
E
b2
D1
wA
M
bc
b1
L1
L
13
2
D
E1
HE
L2
Note
1. Measured from heatsink back to lead.
e1
e
A
A2
A
A1
y
seating plane
mounting
base
A1
(1)
D
max.
b
D1
max.
E
max.
HE
max.
w
y
max.
A2
b2
b1
max.
c
E1
min.
ee1
L1
min.
L2
L
A
max.
UNIT
DIMENSIONS (mm are the original dimensions)
0.2
0.2
mm
2.38
2.22
0.65
0.45
0.89
0.71
0.89
0.71
1.1
0.9
5.36
5.26
0.4
0.2
6.22
5.98
4.81
4.45
2.285
4.57
10.4
9.6
0.5
0.7
0.5
6.73
6.47
4.0
2.95
2.55
October 1999
9
Rev 1.600


Similar Part No. - PHP87N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
More results

Similar Description - PHP87N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP69N03LT PHILIPS-PHP69N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
PHP50N03LT PHILIPS-PHP50N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.800
PHP55N03LT PHILIPS-PHP55N03LT Datasheet
107Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP11N06LT PHILIPS-PHP11N06LT Datasheet
114Kb / 12P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.000
logo
Nexperia B.V. All right...
BSS123 NEXPERIA-BSS123 Datasheet
143Kb / 5P
   N-channel TrenchMOS transistor Logic level FET
August 2000
logo
NXP Semiconductors
PHB11N03LT PHILIPS-PHB11N03LT Datasheet
105Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
September 1999 Rev 1.000
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com