Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAWT221M6.3V6.3X8NBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAWT221M6.3V6.3X8NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWT221M6.3V6.3X8NBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAWT221M6.3V6.3X8NBF Datasheet HTML 1Page - NIC-Components Corp. NAWT221M6.3V6.3X8NBF Datasheet HTML 2Page - NIC-Components Corp. NAWT221M6.3V6.3X8NBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
18
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
19
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIC Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipaton Factor
(Tan δ)
Max. Ripple Current (mA)
+105°C/120Hz
Load Life Hours
@ +105°C
NAWT220M6.3V4X6.1NBF
22
6.3
0.30
26
2,000
NAWT330M6.3V4X6.1NBF
33
0.30
29
2,000
NAWT470M6.3V5X6.1NBF
47
0.30
46
2,000
NAWT101M6.3V6.3X6.1NBF
100
0.30
71
2,000
NAWT221M6.3V6.3X8NBF
220
0.35
121
2,000
NAWT471M6.3V8X10.5LBF
470
0.35
210
2,000
NAWT102M6.3V10X10.5LBF 1000
0.35
485
2,000
NAWT330M10V5X6.1NBF
33
10
0.24
43
2,000
NAWT101M10V6.3X6.1NBF
100
0.24
71
2,000
NAWT331M10V8X10.5LBF
330
0.26
196
2,000
NAWT471M10V8X10.5LBF
470
0.26
210
2,000
NAWT471M10V10X10.5LBF
470
0.26
440
2,000
NAWT101M16V4X6.1NBF
100
16
0.20
28
2,000
NAWT220M16V5X6.1NBF
220
0.20
39
2,000
NAWT470M16V6.3X6.1NBF
47
0.20
70
2,000
NAWT101M16V6.3X8NBF
100
0.24
111
2,000
NAWT221M16V8X10.5LBF
220
0.24
185
2,000
NAWT331M16V8X10.5LBF
330
0.24
290
2,000
NAWT331M16V10X10.5LBF
330
0.24
440
2,000
NAWT471M16V8X10.5LBF
470
0.24
320
2,000
NAWT471M16V10X10.5LBF
470
0.24
460
2,000
NAWT330M25V6.3X6.1NBF
33
25
0.16
65
2,000
NAWT470M25V6.3X8NBF
47
0.18
79
2,000
NAWT101M25V8X10.5LBF
100
0.18
180
2,000
NAWT221M25V8X10.5LBF
220
0.18
320
2,000
NAWT221M25V10X10.5LBF
220
0.18
355
2,000
NAWT331M25V10X10.5LBF
330
0.18
450
2,000
NAWT471M25V10X10.5LBF
470
0.18
490
2,000
NAWT4R7M35V4X6.1NBF
4.7
35
0.14
15
2,000
NAWT100M35V5X6.1NBF
10
0.14
28
2,000
NAWT220M35V6.3X6.1NBF
22
0.14
55
2,000
NAWT330M35V6.3X8NBF
33
0.14
76
2,000
NAWT101M35V8X10.5LBF
100
0.14
180
2,000
NAWT101M35V10X10.5LBF
100
0.14
305
2,000
NAWT221M35V10X10.5LBF
220
0.14
450
2,000
NAWTR10M50V4X6.1NBF
0.1
50
0.12
1.0
2,000
NAWTR22M50V4X6.1NBF
0.22
0.12
2.6
2,000
NAWTR33M50V4X6.1NBF
0.33
0.12
3.2
2,000
NAWTR47M50V4X6.1NBF
0.47
0.12
4.0
2,000
NAWT1R0M50V4X6.1NBF
1.0
0.12
8.0
2,000
NAWT2R2M50V4X6.1NBF
2.2
0.12
11
2,000
NAWT3R3M50V4X6.1NBF
3.3
0.12
14
2,000
NAWT4R7M50V5X6.1NBF
4.7
0.12
19
2,000
NAWT100M50V6.3X6.1NBF
10
0.12
35
2,000
NAWT220M50V6.3X8NBF
22
0.12
67
2,000
NAWT330M50V8X10.5LBF
33
0.12
140
2,000
NAWT470M50V8X10.5LBF
47
0.12
167
2,000
NAWT470M50V10X10.5LBF
47
0.12
180
2,000
NAWT101M50V8X10.5LBF
100
0.12
230
2,000
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Surface Mount Aluminum Electrolytic Capacitors NAWT Series
Frequency
50/60Hz
120Hz
500Hz
1KHz
10KHz
0.1 ~ 1µF
0.5
1.00
1.20
1.30
1.50
2.2~4.7
0.65
1.00
1.20
1.30
1.50
10~47
0.80
1.00
1.20
1.30
1.50
100~1000
0.80
1.00
1.10
1.15
1.20
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS


Similar Part No. - NAWT221M6.3V6.3X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWT221M63V63X8NBF NIC-NAWT221M63V63X8NBF Datasheet
104Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWT221M6.3V6.3X8NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com