Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAWT330M10V5X6.1NBF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NAWT330M10V5X6.1NBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWT330M10V5X6.1NBF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NAWT330M10V5X6.1NBF Datasheet HTML 1Page - NIC-Components Corp. NAWT330M10V5X6.1NBF Datasheet HTML 2Page - NIC-Components Corp. NAWT330M10V5X6.1NBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
21
®
NIC COMPONENTS CORP.
w.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Diameter
Time above
217°C
Peak Temperature
5 seconds
4 ~ 6.3mm φ
60 sec. max.
260°C
8 ~ 10mm φ
60 sec. max.
250°C
PEAK REFLOW TEMPERATURE AND DURATION
Case Size
a
b
c
4x6.1
1.0
2.6
1.6
5x6.1
1.4
3.0
1.6
6x3x6.1
6.3x8
2.1
3.5
1.6
8x10.5
3.0
4.1
2.2
10x10.5
4.5
4.3
2.2
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Surface Mount Aluminum Electrolytic Capacitors NAWT Series
Time Above 217°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230


Similar Part No. - NAWT330M10V5X6.1NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWT330M35V63X8NBF NIC-NAWT330M35V63X8NBF Datasheet
104Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWT330M50V8X105LBF NIC-NAWT330M50V8X105LBF Datasheet
104Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWT330M10V5X6.1NBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com