Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2412
Description  N1 and ORing Power Rail Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2412 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2412 Datasheet HTML 1Page - Texas Instruments TPS2412 Datasheet HTML 2Page - Texas Instruments TPS2412 Datasheet HTML 3Page - Texas Instruments TPS2412 Datasheet HTML 4Page - Texas Instruments TPS2412 Datasheet HTML 5Page - Texas Instruments TPS2412 Datasheet HTML 6Page - Texas Instruments TPS2412 Datasheet HTML 7Page - Texas Instruments TPS2412 Datasheet HTML 8Page - Texas Instruments TPS2412 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS2412 /13
NOTE:R
isOptional
(SET)
A
C
TPS2412
TPS2413
SLVS728A – JANUARY 2007 – REVISED FEBRUARY 2007
N+1 and ORing Power Rail Controller
• Control External FET for N+1 and ORing
The TPS2412/13 controller, in conjunction with an
• Wide Supply Voltage Range of 3 V to 16.5 V
external N-channel MOSFET, emulates the function
• Controls Buses From 0.8 V to 16.5 V
of a low forward voltage diode. The TPS2412/13 can
• Linear or On/Off Control Method
be used to combine multiple power supplies to a
common bus in an N+1 configuration, or to combine
• Internal Charge Pump for N-Channel MOSFET
redundant
input
power
buses.
The
TPS2412
• Rapid Device Turnoff Protects Bus Integrity
provides a linear turn-on control while the TPS2413
• Positive Gate Control on Hot Insertion
has an on/off control method.
• Soft Turn on Reduces Bus Transients
Applications for the TPS2412/13 include a wide
• Industrial Temperature Range: –40°C to 85°C
range of systems including servers and telecom.
These applications often have either N+1 redundant
• Industry-Standard 8-pin TSSOP Package
power supplies, redundant power buses, or both.
Redundant power sources must have the equivalent
of a diode OR to prevent reverse current during
• N+1 Power Supplies
faults and hotplug. A TPS2412/13 and N-channel
• Server Blades
MOSFET provide this function with less power loss
than a schottky diode.
• Telecom Systems
• High Availability Systems
Accurate voltage sensing and a programmable
turn-off threshold allows operation to be tailored for a
wide
range
of
implementations
and
bus
characteristics. The TPS2412/13 are lower pin count,
feature reduced versions of the TPS2410/11.
Table 1. Family Features
Linear gate control
ON/OFF gate control
Adjustable turn-off threshold
Fast comparator filtering
Voltage monitoring
Enable control
Mosfet fault monitoring
Status pin
Figure 1. Typical Application
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412 TI1-TPS2412 Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
logo
Toppower Electronic Tec...
TPS2412A TOPPOWER-TPS2412A Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS2412A TOPPOWER-TPS2412A Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS2412A TOPPOWER-TPS2412A Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
More results

Similar Description - TPS2412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com