Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VC338APZ-T Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS470R1VC338APZ-T
Description  16/32-BIT RISC ROM MICROCONTROLLERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VC338APZ-T Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS470R1VC338APZ-T Datasheet HTML 5Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 6Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 7Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 8Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 9Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 10Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 11Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 12Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
TMS470R1VC338, TMS470R1VC348, TMS470R1VC3382, TMS470R1VC3482
16/32-BIT RISC ROM MICROCONTROLLERS
SPNS085C – JULY 2003 – REVISED JANUARY 2006
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
VC338X
VC348X
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT0
28
28
3.3-V I
IPD
General-purpose input/output pins. GIOA[0]/INT[0] is an input-only pin.
GIOA[7:0]/INT[7:0] are interrupt-capable pins.
GIOA[1]/INT[1]/ECLK pin is multiplexed with the external clock-out
function of the external clock prescale (ECP) module.
GIOA[2]/INT[2] and GIOA[3]/INT[3] pins are not applicable on the VC338x
device.
GIOA[1]/INT1/
ECLK
29
29
3.3-V I/O
GIOA[2]/INT2
30
GIOA[3]/INT3
31
GIOA[4]/INT4
25
25
GIOA[5]/INT5
24
24
GIOA[6]/INT6
23
23
GIOA[7]/INT7
22
22
GIOB[0]
16
3.3-V I/O
IPD
General-purpose input/output pins (VC348x only).
GIOB[1]
15
GIOB[2]
14
GIOB[3]
13
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC)
ADEVT
67
66
3.3-V I/O
IPD
MibADC event input. ADEVT can be programmed as a GIO pin.The
ADEVT pin can also be used as a user-selectable event source to "event
trigger" the MibADC event group or group1 providing the associated
register source bits are properly configured and defined. For the internal
device connections, see the MibADC section of this data sheet.
ADIN[0]
75
75
3.3-V I
MibADC analog input pins
The VC338x device has only 12 input channels but all S/W registers are
capable. ADIN[15:12] pins are not applicable to the VC338 device.
The VC348x device has all 16 input channels.
ADIN[1]
74
74
ADIN[2]
73
73
ADIN[3]
72
72
ADIN[4]
71
71
ADIN[5]
70
69
ADIN[6]
69
68
ADIN[7]
68
67
ADIN[8]
79
82
ADIN[9]
78
80
ADIN[10]
77
78
ADIN[11]
76
76
ADIN[12]
81
ADIN[13]
79
ADIN[14]
77
ADIN[15]
70
ADREFHI
80
83
3.3-V
REF I
MibADC module high-voltage reference input
ADREFLO
81
84
GND
REF I
MibADC module low-voltage reference input
VCCAD
82
85
3.3-V
PWR
MibADC analog supply voltage
VSSAD
83
86
GND
MibADC analog ground reference


Similar Part No. - TMS470R1VC338APZ-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNA TI1-TMS470R1VC334APNA Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNQ TI1-TMS470R1VC334APNQ Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNT TI1-TMS470R1VC334APNT Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC336 TI1-TMS470R1VC336 Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC338APZ-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
logo
NEC
V853 NEC-V853 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com