Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCT06DK410TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCT06DK410TRF
Description  Surface Mount NTC Thermistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCT06DK410TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCT06DK410TRF Datasheet HTML 1Page - NIC-Components Corp. NCT06DK410TRF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
45
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
FEATURES
• NEGATIVE TEMPERATURE COEFFICIENT
• FAST RESPONSE TO TEMPERATURE VARIATIONS MAKE THEM
IDEALLY FOR TEMPERATURE SENSORS AND COMPENSATORS
• STANDARD EIA 0402, 0603 AND 0805 SIZES
• NICKEL BARRIER SOLDER PLATE TERMINATIONS
• TAPE AND REEL FOR AUTOMATIC MOUNTING
CHARACTERISTICS AND PERFORMANCE
DIMENSIONS (mm)
Series
NCT02
NCT04
NCT06
NCT08
EIA Size
0201
0402
0603
0805
Resistance Range (+25°C)
470 ohm ~ 1Megohm
470 ohm ~ 2Megohm
100 ohm ~ 2Megohm
100 ohm ~ 2Megohm
Resistance Tolerance (+25°C)
1% (F), ±2% (G), ±3% (H), 5% (J), 10% (K)
Operating Temperature Range
-40°C ~ +125°C
Storage Temperature Range
-40°C ~ +125°C
Maximum Power Rating (JIS-C2570)*
110mW
110mW
120mW
130mW
Dissipation Factor
<1.5mW/°C (power to heat thermistor 1°C, measured at 25°C)
Thermal Time Constant
Within 5 seconds (time to change 63.2% from initial to stable)
Functional Beta Temperature Range
D = +25°C ~ +50°C
A = +25°C ~ +85°C
E = +25°C ~ +100°C
Beta Value Range
2610K ~ 4800K
Beta Value Tolerance
±1% (F), ±2% (G), ±3% (H), ±5% (J)
Resistance to Soldering Heat
+260°C ± 5°C for 10 ±1 seconds
High Temperature Stability
+125°C ± 3°C for 1,000 hours,
∆R ±3%, ∆Beta ±2%
Low Temperature Stability
-40°C ± 3°C for 1,000 hours,
∆R ±3%, ∆Beta ±2%
Humidity
+85°C ± 2°C, 85% ±5% RH for 1,000 hours,
∆R ±3%, ∆Beta ±2%
Temperature Cycliing
100 cycles of -40°C ±3°C 30 min., +20°C 3 min., +125°C ±3°C 30 min., +20°C 30 min.
∆R ±3%, ∆Beta ±2%
Series
EIA Size
L
W
T max.
P
NCT02
0201
0.60 ± 0.03
0.30 ± 0.03
0.23 ± 0.03
0.15 ± 0.05
NCT04
0402
1.0 ± 0.05
0.50 ± 0.05
0.40
0.25 +0.05/
-0.10
NCT06
0603
1.6 ± 0.15
0.80 ± 0.15
0.60
0.30 ± 0.20
NCT08
0805
2.0 ± 0.20
1.25 ± 0.20
0.65
0.40 ± 0.20
Surface Mount NTC Thermistors
NCT Series
Beta Value
NCT02 (0201)
NCT04 (0402)
NCT06 (0603) NCT08 (0805)
E-24 Standard
Values
4610 ~ 4800K
100K ~ 1M
100K ~ 2M
68K ~ 2M
47K ~ 2M
1.0
1.3
1.8
2.4
3.3
4.3
5.6
7.5
1.1
1.5
2.0
2.7
3.6
4.7
6.2
8.2
1.2
1.6
2.2
3.0
3.9
5.1
6.8
9.1
4410 ~ 4600K
30K ~ 150K
10K ~ 2M
10K ~ 2M
10K ~ 2M
4210 ~ 4400K
20K ~ 120K
10K ~ 2M
10K ~ 2M
6.8K ~ 2M
4010 ~ 4200K
10K ~ 100K
10K ~ 220K
1K ~ 220K
1K ~ 220K
3810 ~ 4000K
10K ~ 50K
2K ~ 150K
1K ~ 150K
1K ~ 150K
3610 ~ 3800K
6.8K ~ 30K
2K ~ 150K
1K ~ 150K
1K ~ 150K
3410 ~ 3600K
2K ~ 20K
2K ~ 150K
1K ~ 150K
1K ~ 150K
3210 ~ 3400K
2K ~ 20K
2K ~ 150K
1K ~ 150K
680 ~ 150K
3010 ~ 3200K
1K ~ 5K
680 ~ 68K
470 ~ 150K
220 ~ 150K
2810 ~ 3000K
1K ~ 3K
500 ~ 47K
150 ~ 100K
100 ~ 100K
2610 ~ 2800K
470 ~ 1.5K
100 ~ 10K
100 ~ 1K
100 ~ 1K
STANDARD RESISTANCE VALUES (@25°C) AND BETA RANGE*
NCT06 D J 154 H 410 TR F
RoHS compliant
Packaging, TR: Tape and Reel
Beta Code (1st Three Characters of Beta Value)
Beta Value Tolerance: J=±5%, H=±3%, G=±2%, F=±1%
Resistance Value Code (E-24 Standard Values)
Resistance Value Tolerance: K+±10%, J=±5%, H=±3%, G=±2%, F=±1%
Temperature Characteristic (D=+25°C ~ +50°C, A=+25°C ~ +85°C, E+25°C ~ +100°C)
Series
PART NUMBER SYSTEM
*Beta can be ordered in increments of 10 (ex. 2610, 2620, 2630, etc.)
L
P
T
W
Termination Material
Ag Base Termination
Ni Barrier
100% Sn Finish
*JIS-C2570: Maximum power for continuous load at 25°C.
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NCT06DK410TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCT06 NIC-NCT06 Datasheet
87Kb / 3P
   NEGATIVE TEMPERATURE COEFFICIENT
More results

Similar Description - NCT06DK410TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232261545472 VISHAY-232261545472 Datasheet
137Kb / 10P
   Surface Mount, NTC Thermistors
Revision: 16-Jan-04
23226152 VISHAY-23226152 Datasheet
83Kb / 5P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226153 VISHAY-23226153 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
logo
NIC-Components Corp.
NST NIC-NST Datasheet
154Kb / 5P
   Surface Mount NTC Thermistors
logo
Vishay Siliconix
23226151 VISHAY-23226151 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
232261554222 VISHAY-232261554222 Datasheet
115Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
NTHS VISHAY-NTHS Datasheet
98Kb / 3P
   NTC Thermistors, Surface Mount Chip
Revision 06-Oct-06
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com