Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE83N03LT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PHE83N03LT
Description  N-channel TrenchMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHE83N03LT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PHE83N03LT Datasheet HTML 3Page - NXP Semiconductors PHE83N03LT Datasheet HTML 4Page - NXP Semiconductors PHE83N03LT Datasheet HTML 5Page - NXP Semiconductors PHE83N03LT Datasheet HTML 6Page - NXP Semiconductors PHE83N03LT Datasheet HTML 7Page - NXP Semiconductors PHE83N03LT Datasheet HTML 8Page - NXP Semiconductors PHE83N03LT Datasheet HTML 9Page - NXP Semiconductors PHE83N03LT Datasheet HTML 10Page - NXP Semiconductors PHE83N03LT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
PHP83N03LT series
N-channel TrenchMOS transistor
Product specification
Rev. 01 — 23 January 2001
7 of 15
9397 750 07815
© Philips Electronics N.V. 2001. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =5V
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
Tj =25 °C and 175 °C; VDS > ID × RDSon
VGS =0V;f=1MHz
Fig 11. Forward transconductance as a function of
drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
03aa33
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
max
typ
min
V
GS(th)
T
j
(
o
C)
(V)
03aa36
0
0.5
1
1.5
2
2.5
3
max
typ
min
I
D
V
GS
(V)
10-6
10-5
10-4
10-3
10-2
10-1
(A)
03ad90
0
15
30
45
60
75
90
0
1530
4560
75
ID (A)
gfs
(S)
Tj = 25 ºC
175 ºC
VDS > ID x RDSon
03ad92
102
103
104
10-1
1
10
102
VDS (V)
Ciss,
Coss,
Crss
(pF)
Ciss
Coss
Crss


Similar Part No. - PHE83N03LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE820 ETC1-PHE820 Datasheet
53Kb / 3P
   EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?
PHE820E ETC1-PHE820E Datasheet
53Kb / 3P
   EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?
PHE820EB5100MR17 ETC1-PHE820EB5100MR17 Datasheet
53Kb / 3P
   EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?
PHE820EB5150MR17 ETC1-PHE820EB5150MR17 Datasheet
53Kb / 3P
   EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?
PHE820EB5220MR17 ETC1-PHE820EB5220MR17 Datasheet
53Kb / 3P
   EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?
More results

Similar Description - PHE83N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com