Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM6101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VM6101
Description  I짼C color light sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VM6101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VM6101 Datasheet HTML 2Page - STMicroelectronics VM6101 Datasheet HTML 3Page - STMicroelectronics VM6101 Datasheet HTML 4Page - STMicroelectronics VM6101 Datasheet HTML 5Page - STMicroelectronics VM6101 Datasheet HTML 6Page - STMicroelectronics VM6101 Datasheet HTML 7Page - STMicroelectronics VM6101 Datasheet HTML 8Page - STMicroelectronics VM6101 Datasheet HTML 9Page - STMicroelectronics VM6101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Functional description
VM6101
6/17
Notes
1. Upon reset, the comparator logic is enabled (EN_HI:EN_LO = 01) with POL_LO = 1 and TH_LO = 0x0008.
The INT pin is high when Y channel count > 8.
2. Assuming CONTROL= 0x04, i.e. comparator mode using Y channel count (default value for CONTROL
register).
3. Ensure TH_LO < TH_HI otherwise unpredictable results may occur.
2.3
PWM generator
The pulse width modulator (PWM) generates a signal which may be used to directly control
LCD backlight driver ICs according to ambient light level.
There are three registers to control the PWM generator operation:
PWM_FREQ register bits [4:0] sets the period of the PWM signal. This is adjustable
from 12Hz to 400kHz.
PWM_SENS register bits [4:0] sets the sensitivity of the PWM signal to light level.
CONTROL register bit 2 = 0 to select PWM output at INT pin.
CONTROL register bit 3 controls the polarity of the PWM output (default = 0).
For more details please refer to
Chapter 4: Register description.
The curve below shows typical PWM output duty cycle (default polarity) as a function of
illumination, with sensitivity setting ranging from 9 to 18, corresponding to typical use cases
(10 to 10000 lx illumination).
Table 2.
Threshold module configurations (TH_CFG register usage)
EN_HI:
EN_LO
INT output
INT versus CNT
(assumes INT_POL = 0)
00
0
0
01
POL_LO xor (CNT < TH_LO)
(POL_LO = 0)
10
POL_HI xor (CNT < TH_HI)
(POL_HI = 0)
11
HYST = 0:
(POL_LO xor (CNT < TH_LO)) and
(POL_HI xor (CNT < TH_HI))
(POL_LO = 1, POL_HI = 0)
HYST = 1: see diagram
(POL_LO = 1, POL_HI = 0)
0
TH_LO TH_HI
1
0
TH_LO TH_HI
1
0
TH_LO TH_HI
1
0
TH_LO TH_HI
1


Similar Part No. - VM6101

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
VM62S MERCURY-VM62S Datasheet
101Kb / 1P
   Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
More results

Similar Description - VM6101

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
   LIGHT-TO-VOLTAGE COLOR SENSOR
logo
ams AG
TCS3103 AMSCO-TCS3103 Datasheet
755Kb / 13P
   LIGHT-TO-VOLTAGE COLOR SENSOR
logo
Everlight Electronics C...
EACLSST3227A0 EVERLIGHT-EACLSST3227A0 Datasheet
599Kb / 11P
   RGB Color Light Sensor Surface - Mount
logo
Festo Corporation.
8058731 FESTO-8058731 Datasheet
84Kb / 2P
   Color sensor
8058734 FESTO-8058734 Datasheet
84Kb / 2P
   Color sensor
538236 FESTO-538236 Datasheet
104Kb / 2P
   Color sensor
8058732 FESTO-8058732 Datasheet
83Kb / 2P
   Color sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com