Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACZF101M6.316X17T2TR13 Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACZF101M6.316X17T2TR13
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZF101M6.316X17T2TR13 Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACZF101M6.316X17T2TR13 Datasheet HTML 1Page - NIC-Components Corp. NACZF101M6.316X17T2TR13 Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
27
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACZF Series
• CYLINDRICAL LEADLESS TYPE FOR SURFACE MOUNTING
• HIGH CAPACITANCE VALUES (UP TO 6800µF)
• LOW IMPEDANCE/HIGH RIPPLE CURRENT AT 100KHz
• 12.5mm x 17mm ~ 18mm x 22mm CASE SIZES
• WIDE TERMINATION STYLE FOR HIGH VIBRATION.APPLICATIONS
• LONG LIFE (5000 HOURS AT +105OC)
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
MAXIMUM RIPPLE CURRENT
(mA rms AT 100KHz AND 105°C)
MAXIMUM IMPEDANCE
(Ω AT 100KHz AND 20°C)
FEATURES
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 100Vdc
Rated Capacitance Range
47 ~ 6,800µF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current After 2 Minutes
0.01CV or 3µA whichever is greater
Working Voltage
6.3Vdc
10Vdc
16Vdc
25Vdc
35Vdc
50Vdc
63Vdc
100Vdc
Surge Voltage
8.0Vdc
13Vdc
20Vdc
32Vdc
44vdc
63Vdc
79Vdc
125Vdc
Max. Tanδ at 120Hz & 20°C
C < 1000µF
-
0.19
0.16
0.14
0.12
0.10
0.08
0.07
C = 2200µF
0.24
0.21
0.18
0.16
0.14
-
-
-
C = 3300µF
0.26
0.23
0.20
-
-
-
-
-
C = 4700µF
0.28
0.25
-
-
-
-
-
-
C = 6800µF
0.32
0.29
-
-
-
-
-
-
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
2
2
2
2
2
2
2
2
Z-40°C/Z+20°C
3
3
3
3
3
3
3
3
High Temperature Load Life
5,000 Hours at +105°C
Rated WVDC
Capacitance Change
Within ±20% of initial measured value
Tan δ
Less than 200% of specified value
Leakage Current
Less than the specified maximum value
Resistance to Soldering Heat
Within the Recommended
Reflow Conditions
Capacitance Change
Within ±10% of initial measured value
Tan δ
Less than the specified maximum value
Leakage Current
Less than the specified maximum value
Cap
(µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
47
-
-
-
-
-
-
-
0.300
68
-
-
-
-
-
-
0.150 0.300
100
-
-
-
-
-
-
0.150 0.180
220
-
-
-
-
-
0.110 0.090 0.155
330
-
-
-
-
0.65 0.800 0.086 0.083
470
-
-
-
0.065
0.043 0.068 0.055
-
1000
-
0.065 0.043
0.038
0.038 0.042
-
-
2200 0.043 0.043 0.038
0.028
0.028
-
-
-
3300 0.038 0.038 0.028 0.033 0.028
-
-
-
-
4700 0.029 0.028
-
-
-
-
-
-
6800 0.028 0.028
-
-
-
-
-
-
Cap
(µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
47
-
-
-
-
-
-
-
511
68
-
-
-
-
-
-
1020 511
100
-
-
-
-
-
-
1020 511
220
-
-
-
-
-
1150 1410 917
330
-
-
-
-
1205 1610 1690 1230
470
-
-
-
1205
1690 1900 2290
-
1000
-
1205 1690
2000
2000 2420
-
-
2200 1690 1690 2000
2490
2490
-
-
-
3300 2000 2000 2490 1060 2490
-
-
-
-
4700 2205 2490
-
-
-
-
-
-
6800 2490 2490
-
-
-
-
-
-


Similar Part No. - NACZF101M6.316X17T2TR13

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACZF101M63V125X17TR13T2F NIC-NACZF101M63V125X17TR13T2F Datasheet
138Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACZF101M6.316X17T2TR13

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com