Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4205 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SFH4205
Description  Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SFH4205 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SFH4205 Datasheet HTML 1Page - Infineon Technologies AG SFH4205 Datasheet HTML 2Page - Infineon Technologies AG SFH4205 Datasheet HTML 3Page - Infineon Technologies AG SFH4205 Datasheet HTML 4Page - Infineon Technologies AG SFH4205 Datasheet HTML 5Page - Infineon Technologies AG SFH4205 Datasheet HTML 6Page - Infineon Technologies AG SFH4205 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2000-01-01
6
OPTO SEMICONDUCTORS
SFH 4200, SFH 4205
Maßzeichnung
Package Outlines
Maße in mm, wenn nicht anders angegeben / Dimensions in mm, unless otherwise specified.
SFH 4200
GPL06724
(typ)
0.7
0.9
1.7
2.1
0.12
0.18
0.4
0.6
2.6
3.0
2.1
2.3
Cathode marking
0.1
SFH 4205
GPL06880
1.1
0.9
2.54
spacing
(2.4)
(2.85)
4.2
3.8
(R1)
Cathode marking
Cathode
Anode
(1.4)


Similar Part No. - SFH4205

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4205 OSRAM-SFH4205 Datasheet
77Kb / 7P
   Leistungsstarke IR-Lumineszenzdiode
More results

Similar Description - SFH4205

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4510 SIEMENS-SFH4510 Datasheet
58Kb / 6P
   GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
logo
OSRAM GmbH
F0118G OSRAM-F0118G Datasheet
65Kb / 6P
   GaAs-Infrarot-Lumineszenzdiode (950 nm, Enhanced Power) GaAs Infrared Emitting Diode (950 nm, Enhanced Power)
2003-04-10
SFH4501 OSRAM-SFH4501 Datasheet
106Kb / 9P
   Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
SFH4301 OSRAM-SFH4301 Datasheet
83Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com