Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA188EM-PTQ100I-R Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # IA188EM-PTQ100I-R
Description  8/16-Bit Microcontrollers
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA188EM-PTQ100I-R Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button IA188EM-PTQ100I-R Datasheet HTML 7Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 8Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 9Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 10Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 11Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 12Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 13Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 14Page - InnovASIC, Inc IA188EM-PTQ100I-R Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
F2 F1 F0
Divider Factor
0
0
0
Divide by 1 (20)
0
0
1
Divide by 2 (21)
0
1
0
Divide by 4 (22)
0
1
1
Divide by 8 (23)
1
0
0
Divide by 16 (24)
1
0
1
Divide by 32 (25)
1
1
0
Divide by 64 (26)
1
1
1
Divide by 128 (27)
EDRAM (0e4h) - The Enable RCU Register provides control and status for the refresh counter.
The EDRAM register contains 0000h at reset.
15
14
13
12
11
10
9
8
7 6 5 4 3 2
1
0
E
0
0
0
0
0
0
T [8:0]
E (bit 15) – When set to 1, the refresh counter is enabled and msc3_n is configured to act as rfsh_n.
Clearing E clears the refresh counter and disables refresh requests. The refresh address is unaffected
by clearing E.
RES (bits 14-9) – Reserved. These bits read back as 0.
T [8:0] (bits 8-0) – These bits hold the current value of the refresh counter. These bits are read-only.
CDRAM (0e2h) - The Clock Prescaler Register determines the period between refresh cycles.
The CDRAM register is undefined at reset.
15
14
13
12
11
10
9
8
7 6 5 4 3 2
1
0
0
0
0
0
0
0
0
RC [8:0]
RES (bits 15-9) – Reserved. These bits read back as 0.
RC [8:0] (bits 8-0) – These bits hold the clock count interval between refresh cycles. This value
should not be set to less than 18 (12h), else there would never be sufficient bus cycles available for the
processor to execute code.
In power-save mode, the refresh counter value should be adjusted to account for the clock divider
value in SYSCON.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com


Similar Part No. - IA188EM-PTQ100I-R

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA188EM-PTQ100I-R-03 INNOVASIC-IA188EM-PTQ100I-R-03 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - IA188EM-PTQ100I-R

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com