Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIN-HJ270JTRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NIN-HJ270JTRF
Description  Wirewound Chip Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HJ270JTRF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NIN-HJ270JTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HJ270JTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HJ270JTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HJ270JTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HJ270JTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HJ270JTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
45
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
TYPE
A
B
C
QTY/REEL
NIN-HK
0.67 ±0.05
0.66 ±0.05
1.20 ±0.05
3,000
NIN-HJ
1.25 ±0.1
1.05 ±0.1
1.80 ±0.1
3,000
NIN-HD
1.60 ±0.1
1.25 ±0.1
2.50 ±0.1
3,000
NIN-HC
2.35 ±0.1
2.10 ±0.1
2.85 ±0.1
2,000
TAPE AND REEL DIMENSIONS (mm):
Wirewound Chip Inductors
NIN-H Series
2.0
±0.5
60.0
±1.0
30.0
±0.2
10.0
±1.0
178
± 2.0
21.0
± 0.8
EMBOSSED PLASTIC CARRIER DIMENSIONS (mm)
8.0
±0.2
1.5
4.0
±0.1
0.2
+0.5
B
A
1.5
4.0
±0.1
3.5
±0.05
2.0
±0.05


Similar Part No. - NIN-HJ270JTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HJ270JTRF NIC-NIN-HJ270JTRF Datasheet
132Kb / 6P
   SIZES K(0402), J (0603), D (0805) AND C (1008)
More results

Similar Description - NIN-HJ270JTRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com