Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACZ100K504X6.3TR13M1F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NACZ100K504X6.3TR13M1F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACZ100K504X6.3TR13M1F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NACZ100K504X6.3TR13M1F Datasheet HTML 1Page - NIC-Components Corp. NACZ100K504X6.3TR13M1F Datasheet HTML 2Page - NIC-Components Corp. NACZ100K504X6.3TR13M1F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
38
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Case Size
Preheat:
150°C ~ 180°C
Max. Soldering
Temperature
Max. Exposure Time at Max.
Solcering Temperature
Max. Exposure Time
Above +200°C
Multiple Reflow
Exposure
4x6.3
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
5x6.3
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
6.3x6.3
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
6.3x8
120 seconds max.
+250°C
5 seconds
70 seconds
2 times max.
8x10.5
120 seconds max.
+245°C
5 seoonds
60 seconds
2 times max.
10x8
120 seconds max.
+240°C
5 seoonds
50 seconds
2 times max.
10x10.5
120 seconds max.
+240°C
5 seoonds
50 seconds
2 times max.
12.5x14
120 seconds max.
+240°C
5 seoonds
50 seconds
2 times max.
16x17
120 seconds max.
+230°C
5 seoonds
30 seconds
2 times max.
Surface Mount Aluminum Electrolytic Capacitors
NACZ Series
PEAK REFLOW SOLDERING TEMPERATURES
AND DURATIONS (STANDARD VERSION)
Case Size
Preheat:
150°C ~ 180°C
Max. Soldering
Temperature
Max. Exposure Time at Max.
Solcering Temperature
Max. Exposure Time
Above +200°C
Max. Exposure Time
Above +230°C
Multiple Reflow
Exposure
4x6.3
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
5x6.3
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
6.3x6.3
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
6.3x8
120 seconds max.
+255°C
5 seconds
60 seconds
30 seconds
2 times max.
8x10.5
120 seconds max.
+255°C
5 seoonds
60 seconds
30 seconds
2 times max.
10x8
120 seconds max.
+250°C
5 seoonds
60 seconds
30 seconds
2 times max.
10x10.5
120 seconds max.
+250°C
5 seoonds
60 seconds
30 seconds
2 times max.
PEAK REFLOW SOLDERING TEMPERATURES
AND DURATIONS (M1 VERSION)
RECOMMENDED REFLOW SOLDERING PROFILE
Time Above 200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(see table for temperature)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
NACZ 101 M 16V 6.3x6.3 TR 13 M1 F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
M1 denotes high temp. reflow version
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM


Similar Part No. - NACZ100K504X6.3TR13M1F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACZ100M25V4X6.3TR13F NIC-NACZ100M25V4X6.3TR13F Datasheet
104Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M25V4X63TR13F NIC-NACZ100M25V4X63TR13F Datasheet
173Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M35V5X6.3TR13F NIC-NACZ100M35V5X6.3TR13F Datasheet
104Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M35V5X63TR13F NIC-NACZ100M35V5X63TR13F Datasheet
173Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACZ100M50V6.3X6.3TR13F NIC-NACZ100M50V6.3X6.3TR13F Datasheet
104Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACZ100K504X6.3TR13M1F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com