Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHB96NQ03LT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHB96NQ03LT
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB96NQ03LT Datasheet(HTML) 2 Page - NXP Semiconductors

  PHB96NQ03LT Datasheet HTML 1Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHB96NQ03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD96NQ03LT
N-channel enhancement mode field-effect transistor
Product data
Rev. 03 — 23 October 2001
2 of 14
9397 750 08963
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to175 °C
-
25
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V
-
75
A
Ptot
total power dissipation
Tmb =25 °C
-
115
W
Tj
junction temperature
-
175
°C
RDSon
drain-source on-state resistance
Tj =25° C; VGS =10V;ID = 25 A
4.2
4.95
m
Tj =25° C; VGS =5V;ID = 25 A
5.6
7.5
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to175 °C
-
25
V
VDGR
drain-gate voltage (DC)
Tj =25to175 °C; RGS =20kΩ
-25
V
VGS
gate-source voltage (DC)
-
±15
V
VGSM
gate-source voltage
tp ≤ 50 µs; pulsed;
duty cycle 25%; Tj ≤ 150 °C
-
±20
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V; Figure 2 and 3
-75
A
Tmb = 100 °C; VGS =5V; Figure 2
-65
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-
240
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
115
W
Tstg
storage temperature
−55
+175
°C
Tj
operating junction temperature
−55
+175
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tmb =25 °C
-
75
A
ISM
peak source (diode forward) current Tmb =25 °C; pulsed; tp ≤ 10 µs
-
240
A


Similar Part No. - PHB96NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB95N03LT PHILIPS-PHB95N03LT Datasheet
304Kb / 15P
   N-channel TrenchMOS transistor
Rev. 01-02 February 2001
PHB95NQ04LT PHILIPS-PHB95NQ04LT Datasheet
90Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-11 May 2004
PHB98N03LT PHILIPS-PHB98N03LT Datasheet
287Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 02-18 October 2001
PHB9N60E PHILIPS-PHB9N60E Datasheet
102Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHB9N60E PHILIPS-PHB9N60E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
More results

Similar Description - PHB96NQ03LT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com