Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4E2054 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4E2054
Description  Surface Mount Low Barrier Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E2054 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4E2054_1 Datasheet HTML 1Page - Tyco Electronics MA4E2054_1 Datasheet HTML 2Page - Tyco Electronics MA4E2054_1 Datasheet HTML 3Page - Tyco Electronics MA4E2054_1 Datasheet HTML 4Page - Tyco Electronics MA4E2054_1 Datasheet HTML 5Page - Tyco Electronics MA4E2054_1 Datasheet HTML 6Page - Tyco Electronics MA4E2054_1 Datasheet HTML 7Page - Tyco Electronics MA4E2054_1 Datasheet HTML 8Page - Tyco Electronics MA4E2054_1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Surface Mount Low Barrier
Schottky Diode
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
3
V6
MA4E2054 Series
Also Offering
RoHS Compliant
Equivalent Parts
Maximum Ratings
* At 125 °C case temperature. Derate linearly to zero watts at 125 °C case temperature.
Parameter
Maximum Ratings
Operating Temperature
-65 to +125
Storage Temperature
-65 to +125
Incident RF Power (CW)
75*
Reverse Voltage @ 25 °C
3
Forward Current
20
Soldering Temperature (Standard Part #)
+235 for 5 sec.
Unit
°C
°C
mW
V
mA
°C
Soldering Temperature (Lead Free Part #)
°C
+260 for 5 sec.
Electrical Specifications @ +25 °C
Parameter
Condition
Symbol
Specification
Breakdown Voltage
IR = 10 μA
VB
3.0 V min.
Reverse Leakage Current
VR = 1 V
IR
100 nA max.
Reverse Leakage Current
VR = 3 V
IR
500 nA max.
Total Capacitance
VR = 0 V
f = 1 MHz
CT
0.30 pF max.
Dynamic Resistance
2
IF = 10 mA
RD
17 Ohms max.
Forward Voltage
IF = 1 mA
VF
250 mV min.
350 mV min.
Forward Voltage Difference
1
IF = 1 mA
VF
20 mV max.
1. Applies to MA4E2054B, MA4E2054D and MA4E2054E configurations.
2. RD = RS + RJ where RJ =
26
IF (in mA)
Typical RF Performance @ +25 °C in Chip Form, Mounted on a Microstrip Fixture
Parameter
Conditions
Typical Value
Mixer Noise Figure
1
f = 9.375 GHz
LO = 0 dBm
5.7 dB (SSB)
IF Impedance
IF = 30 MHz
200 ohms
Tangential Signal
Sensitivity
2
IF = 20 mA
BW = 2 MHz
Video NF = 1.5 dB
-55 dBm
Detector Output, Voltage at -30 dBm
2
RL = 100K Ohms
IF = 20 μA
20 mV
Detector Output, Voltage at -30 dBm
2
RL = 1M Ohm
20 mV
1. Fixture tuned to 9.375 GHz.
2. Fixture tuned to 2.5 GHz. See figures on page 3 for untuned fixture performance.


Similar Part No. - MA4E2054_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2054-1141T MA-COM-MA4E2054-1141T Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-1146T MA-COM-MA4E2054A1-1146T Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-1146T MA-COM-MA4E2054A1-1146T Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-287T MA-COM-MA4E2054A1-287T Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
MA4E2054A1-287T MA-COM-MA4E2054A1-287T Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
More results

Similar Description - MA4E2054_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2054 MA-COM-MA4E2054 Datasheet
141Kb / 9P
   Surface Mount Low Barrier Schottky Diode
MA4E2054 MA-COM-MA4E2054_15 Datasheet
759Kb / 10P
   Surface Mount Low Barrier Schottky Diode
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com