Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAA2000G Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAA2000G
Description  GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAA2000G Datasheet(HTML) 2 Page - Tyco Electronics

  MAAA2000G Datasheet HTML 1Page - Tyco Electronics MAAA2000G Datasheet HTML 2Page - Tyco Electronics MAAA2000G Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs MMIC Voltage Variable Absorptive Attenuator
DC - 12 GHz
MAAA2000G
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Typical Performance Curves @ 25°C
Insertion Loss
Isolation
VSWR
0
2
4
6
8
10
12
14
-5
-4
-3
-2
-1
0
VB Series
VA Shunt
Gate Voltage
Attenuation @ 12 GHz
Attenuation @ 12 GHz
0
10
20
30
40
50
-5
-4
-3
-2
-1
0
VB Series
VA Shunt
Matched Attn. below 23.5 dB
Gate Voltage
0.0
0.5
1.0
1.5
2.0
02468
10
12
Frequency (GHz)
5
15
25
35
45
55
024
68
10
12
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
024
68
10
12
Frequency (GHz)
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Control Voltage
-8.5 VDC
Max Input RF Power
(500 MHz - 12 GHz)
+34 dBm
Storage Temperature
-65°C to +175°C
Max Operating Temperature
+175°C
3.
Exceeding any one or combination of these limits may
cause permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
61Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
   GaAs MMIC Voltage Variable Absorptive Attenuator
More results

Similar Description - MAAA2000G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
61Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
   GaAs MMIC Voltage Variable Absorptive Attenuator
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
AT-259 MACOM-AT-259_1 Datasheet
169Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
M/A-COM Technology Solu...
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com