Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD98N03LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHD98N03LT
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD98N03LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHD98N03LT Datasheet HTML 1Page - NXP Semiconductors PHD98N03LT Datasheet HTML 2Page - NXP Semiconductors PHD98N03LT Datasheet HTML 3Page - NXP Semiconductors PHD98N03LT Datasheet HTML 4Page - NXP Semiconductors PHD98N03LT Datasheet HTML 5Page - NXP Semiconductors PHD98N03LT Datasheet HTML 6Page - NXP Semiconductors PHD98N03LT Datasheet HTML 7Page - NXP Semiconductors PHD98N03LT Datasheet HTML 8Page - NXP Semiconductors PHD98N03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD98N03LT
N-channel enhancement mode field-effect transistor
Product data
Rev. 02 — 18 October 2001
5 of 14
9397 750 08726
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C
25
--V
Tj = −55 °C
22
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
Tj =25 °C
1
1.5
2
V
Tj = 175 °C
0.5
-
-
V
Tj = −55 °C
-
-
2.3
V
IDSS
drain-source leakage current
VDS =25V; VGS =0V
Tj =25 °C
-
0.05
1
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±15 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS =5V; ID =25A; Figure 7 and 8
Tj =25 °C
-
6.2
7.3
m
Tj = 175 °C
-
10.5
12.4
m
VGS = 10 V; ID =25A; Figure 7 and 8
Tj =25 °C
-
5.2
5.9
m
Dynamic characteristics
Qg(tot)
total gate charge
ID = 50 A; VDD =15V; VGS =5V; Figure 13
-40
-
nC
Qgs
gate-source charge
-
16
-
nC
Qgd
gate-drain (Miller) charge
-
15
-
nC
Ciss
input capacitance
VGS =0V; VDS = 20 V; f = 1 MHz; Figure 11
-
3000 -
pF
Coss
output capacitance
-
710
-
pF
Crss
reverse transfer capacitance
-
510
-
pF
td(on)
turn-on delay time
VDD =15V; ID = 12.5 A; VGS =5V;
RG = 5.6 Ω; resistive load
-18
-
ns
tr
turn-on rise time
-
80
-
ns
td(off)
turn-off delay time
-
104
-
ns
tf
turn-off fall time
-
104
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 25 A; VGS =0V; Figure 12
-
0.9
1.2
V
trr
reverse recovery time
IS = 10 A; dIS/dt = −100 A/µs; VGS =0V
-
37
-
ns
Qr
recovered charge
-
20
-
nC


Similar Part No. - PHD98N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD95N03LT PHILIPS-PHD95N03LT Datasheet
282Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-18 July 2001
PHD96NQ03LT PHILIPS-PHD96NQ03LT Datasheet
293Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 03-23 October 2001
PHD96NQ03LT NXP-PHD96NQ03LT Datasheet
218Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 06-15 March 2010
logo
Nexperia B.V. All right...
PHD96NQ03LT NEXPERIA-PHD96NQ03LT Datasheet
331Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 06 - 15 March 2010
logo
NXP Semiconductors
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
More results

Similar Description - PHD98N03LT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com