Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89PV890CF Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB89PV890CF
Description  8-bit Proprietary Microcontrollers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV890CF Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB89PV890CF Datasheet HTML 2Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 3Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 4Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV890CF Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
MB89890 Series
6
s
s
s
s PIN DESCRIPTION
(Continued)
*1: FPT-100P-M06
*2: MQP-100C-P01
Pin no.
Pin name
Circuit type
Function
QFP*1, MQP*2
6X0
A
Crystal oscillator pins (8 MHz)
7X1
3X0A
B
Crystal oscillator pins (32.768 kHz)
2X1A
4MOD0
C
Operation mode select pins
Connect to VSS (GND) when using.
5MOD1
9RST
D
Reset input pin
10 to 17
P00 to P07
E
General-purpose I/O ports
18 to 25
P10 to P17
E
General-purpose I/O ports
26 to 33
P20 to P27
G
General-purpose I/O ports
39
P30/PWM
F
General-purpose I/O port
Also serves as an 8-bit PWM.
40
P31/BUZR
F
General-purpose I/O port
Also serves as a buzzer output.
41
P32/MSKI
F
General-purpose I/O port
Also serves as a modem timer.
42,
43
P33,
P34
F
General-purpose I/O ports
44,
45,
46
P35/SK1,
P36/SI1,
P37/SO1
F
General-purpose I/O ports
Also serve as an 8-bit serial I/O output 1.
34 to 38
P40 to P44
J
General-purpose I/O ports
85 to 92
P50/AN00 to
P57/AN07
H
General-purpose output ports
Also serve as an analog input.
47,
48,
49
P60/TMO1,
P61/TMO2,
P62/TCLK
F
General-purpose I/O ports
Also serve as an 8/16-bit timer.
51
P63/MSKO
F
General-purpose I/O port
Also serves as a modem output.
52
P64
F
General-purpose I/O port
53,
54,
55
P65/BSK1,
P66/BSI1,
P67/BSO1
F
General-purpose I/O ports
Also serve as a serial I/O output 1 with 1-byte buffer.
56,
57,
58
P70/SK2,
P71/SI2,
P72/SO2
I
General-purpose I/O ports
Also serve as an 8-bit serial I/O output 2.


Similar Part No. - MB89PV890CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV890CF FUJITSU-MB89PV890CF Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89PV890CF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com