Electronic Components Datasheet Search |
|
NACP0.22K4V5X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NACP0.22K4V5X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 2 page 4 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 5 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Surface Mount Aluminum Electrolytic Capacitors FEATURES • CYLINDRICAL V-CHIP CONTRUCTION • LOW PROFILE, 4.6mm MAXIMUM HEIGHT • DESIGNED FOR REFLOW ..SOLDERING CHARACTERISTICS MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85OC) MAXIMUM ESR ( Ω AT 120Hz AND 20OC) NACP Series RoHS Compliant includes all homogeneous materials *See Part Number System for Details RIPPLE CURRENT FREQUENCY CORRECTION FACTOR Cap. (µF) Frequency 10< f <1KHz 1K< f <10KHz 10K< f >100KHz >100KHz 0.47 ~ 4.7 1.0 1.3 1.5 2.0 10 ~ 33 1.0 1.2 1.3 1.45 47 ~ 220 1.0 1.1 1.2 1.3 Rated Voltage Rating 4 ~ 50Vdc Rated Capacitance Range 0.1 ~ 220 µF Operating Temperature Range -40° ~ +85°C Capacitance Tolerance ±20%(M) Max. Leakage Current After 2 Minutes at 20°C 0.01CV or 3 µA, whichever is greater Surge Voltage & Max. Tan δ W.V. (Vdc) 4 6.3 10 16 25 35 50 S.V. (Vdc) 5 8.0 13 20 32 44 63 Tan δ @ 120Hz/20°C 0.40 0.30 0.24 0.20 0.16 0.14 0.12 Low Temperature Stability (Impedance Ratio @ 120Hz) W.V. (Vdc) 4 6.3 10 16 25 35 50 Z-25°C/Z +20°C 7 4 3 2 2 2 2 Z-40°C/Z +20°C 15 10 8 6 4 4 4 Load Life Test at Rated W.V. 85°C 1,000 Hours Capacitance Change Within ±25% of initial measured value Tan δ Less than 200% of specified value Leakage Current Less than specified value Cap. (µF) Working Voltage (Vdc) 4 6.3 10 16 25 35 50 0.1 - - - - - - 1.0 0.22 - - - - - - 2.0 0.33 - - - - - - 2.8 0.47 - - - - - - 4.0 1.0 - - - - - - 8.4 2.2 - - - - - - 14 3.3 - - - - - - 17 4.7 - - - - 17 18 21 10 - - - 23 27 29 33 22 - 28 33 37 47 49 - 33 28 37 41 51 57 - - 47 33 45 53 61 - - - 100 56 70 74 - - - - 220 98 - - - - - - Cap. (µF) Working Voltage (Vdc) 4 6.3 10 16 25 35 50 0.1 - - - - - - 1990 0.22 - - - - - - 905 0.33 - - - - - - 603 0.47 - - - - - - 423 1.0 - - - - - - 199 2.2 - - - - - - 90.5 3.3 - - - - - - 60.3 4.7 - - - - 56.5 49.4 42.3 10 - - - 33.2 26.5 23.2 19.0 22 - 22.6 18.1 15.1 12.1 10.8 - 33 20.1 15.1 12.6 10.1 8.1 - - 47 14.1 10.6 8.5 7.1 - - - 100 6.6 5.0 3.98 - - - - 220 3.0 - - - - - - |
Similar Part No. - NACP0.22K4V5X5.5TR13F |
|
Similar Description - NACP0.22K4V5X5.5TR13F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |