Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC2J0CC-10M000 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VTC2J0CC-10M000
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC2J0CC-10M000 Datasheet(HTML) 4 Page - Vectron International, Inc

  VTC2J0CC-10M000 Datasheet HTML 1Page - Vectron International, Inc VTC2J0CC-10M000 Datasheet HTML 2Page - Vectron International, Inc VTC2J0CC-10M000 Datasheet HTML 3Page - Vectron International, Inc VTC2J0CC-10M000 Datasheet HTML 4Page - Vectron International, Inc VTC2J0CC-10M000 Datasheet HTML 5Page - Vectron International, Inc VTC2J0CC-10M000 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VTC2 Data sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
A
E
C
D
B
G
F
J
L
I
K
H
Tape and Reel
Table 3. Tape and Reel Dimensions (mm)
Tape Dimensions
Reel Dimensions
# Per
Product
A
B
C
D
E
F
G
H
I
J
K
L
Reel
VTC2
16
7.5
1.5
4
8
1.5
20.2
13
60
2
16.4
180
1000
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional
operation is not implied at these or any other conditions in excess of conditions represented in the
operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may
adversely affect device reliability.
Table 4. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Storage Temperature
Tstorage
-55/125
°C
Reliability
The VTC2 qualification tests have included:
Table 5. Environnemental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883 Method 2002
Mechanical Vibration
MIL-STD-883 Method 2007
Temperature Cycle
MIL-STD-883 Method 1010
Solderability
MIL-STD-883 Method 2003
Gross and Fine Leak
MIL-STD-883 Method 1014
Resistance to Solvents
MIL-STD-883 Method 2015
Moisture Sensitivity Level
1
Contact Pads
Gold over Nickel


Similar Part No. - VTC2J0CC-10M000

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTC24SA ETA-USA-VTC24SA Datasheet
309Kb / 3P
   75 WATT AC-DC CONVERTER
VTC24SB ETA-USA-VTC24SB Datasheet
307Kb / 3P
   75 WATT AC-DC CONVERTER
VTC24SZ ETA-USA-VTC24SZ Datasheet
191Kb / 2P
   75 WATT AC-DC CONVERTER
More results

Similar Description - VTC2J0CC-10M000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com