Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC2J1CC-10M000 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VTC2J1CC-10M000
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC2J1CC-10M000 Datasheet(HTML) 6 Page - Vectron International, Inc

  VTC2J1CC-10M000 Datasheet HTML 1Page - Vectron International, Inc VTC2J1CC-10M000 Datasheet HTML 2Page - Vectron International, Inc VTC2J1CC-10M000 Datasheet HTML 3Page - Vectron International, Inc VTC2J1CC-10M000 Datasheet HTML 4Page - Vectron International, Inc VTC2J1CC-10M000 Datasheet HTML 5Page - Vectron International, Inc VTC2J1CC-10M000 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VTC2 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
6
Ordering Information
Table 8. Standard Frequency List
10.000
12.800
16.000
18.000
19.200
20.000
24.000
25.000
26.000
27.000
VTC2 -
-
Product Family
Output Frequency
TCXO, 5x7
In MHz
Voltage Options
Temperature Options
H: +5.0 Vdc ±5%, CMOS Output
A: 0 to 55°C
J: +3.3 Vdc ±10%, CMOS Output
B: -10 to 60°C
C: -20 to 70°C
Pulling Range
D: -30 to 80°C
0: Fixed TCXO, no adjust
E: -40 to 85°C
1: ±5ppm
2: ±8ppm
Stability Options
A: ±0.5ppm
1: ±1.0ppm
B: ±1.5ppm
2: ±2.0ppm
C: ±2.5ppm
3: ±3.0 ppm
Note: Not all combinations are available:
D: ±3.5ppm
±0.5 ppm is available over 0 to 55 °C only
4: ±4.0ppm
±1.0 ppm to ±5.0 ppm is available on all temperature ranges
5: ±5.0ppm
www.vectron.com
March 26, 2007
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
J
0
C
10M000
2


Similar Part No. - VTC2J1CC-10M000

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTC24SA ETA-USA-VTC24SA Datasheet
309Kb / 3P
   75 WATT AC-DC CONVERTER
VTC24SB ETA-USA-VTC24SB Datasheet
307Kb / 3P
   75 WATT AC-DC CONVERTER
VTC24SZ ETA-USA-VTC24SZ Datasheet
191Kb / 2P
   75 WATT AC-DC CONVERTER
More results

Similar Description - VTC2J1CC-10M000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com