Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACP4.7K4V5X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACP4.7K4V5X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACP4.7K4V5X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACP4.7K4V5X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACP4.7K4V5X5.5TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Surface Mount Aluminum Electrolytic Capacitors
FEATURES
• CYLINDRICAL V-CHIP CONTRUCTION
• LOW PROFILE, 4.6mm MAXIMUM HEIGHT
• DESIGNED FOR REFLOW ..SOLDERING
CHARACTERISTICS
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 85OC)
MAXIMUM ESR
(
Ω AT 120Hz AND 20OC)
NACP Series
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Cap. (µF)
Frequency
10< f <1KHz
1K< f <10KHz 10K< f >100KHz
>100KHz
0.47 ~ 4.7
1.0
1.3
1.5
2.0
10 ~ 33
1.0
1.2
1.3
1.45
47 ~ 220
1.0
1.1
1.2
1.3
Rated Voltage Rating
4 ~ 50Vdc
Rated Capacitance Range
0.1 ~ 220
µF
Operating Temperature Range
-40° ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current After 2 Minutes at 20°C 0.01CV or 3
µA, whichever is greater
Surge Voltage & Max. Tan
δ
W.V. (Vdc)
4
6.3
10
16
25
35
50
S.V. (Vdc)
5
8.0
13
20
32
44
63
Tan
δ @ 120Hz/20°C
0.40 0.30 0.24 0.20 0.16 0.14 0.12
Low Temperature
Stability
(Impedance Ratio @ 120Hz)
W.V. (Vdc)
4
6.3
10
16
25
35
50
Z-25°C/Z +20°C
7
4
3
2
2
2
2
Z-40°C/Z +20°C
15
10
8
6
4
4
4
Load Life Test
at Rated W.V.
85°C 1,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Cap.
(µF)
Working Voltage (Vdc)
4
6.3
10
16
25
35
50
0.1
-
-
-
-
-
-
1.0
0.22
-
-
-
-
-
-
2.0
0.33
-
-
-
-
-
-
2.8
0.47
-
-
-
-
-
-
4.0
1.0
-
-
-
-
-
-
8.4
2.2
-
-
-
-
-
-
14
3.3
-
-
-
-
-
-
17
4.7
-
-
-
-
17
18
21
10
-
-
-
23
27
29
33
22
-
28
33
37
47
49
-
33
28
37
41
51
57
-
-
47
33
45
53
61
-
-
-
100
56
70
74
-
-
-
-
220
98
-
-
-
-
-
-
Cap.
(µF)
Working Voltage (Vdc)
4
6.3
10
16
25
35
50
0.1
-
-
-
-
-
-
1990
0.22
-
-
-
-
-
-
905
0.33
-
-
-
-
-
-
603
0.47
-
-
-
-
-
-
423
1.0
-
-
-
-
-
-
199
2.2
-
-
-
-
-
-
90.5
3.3
-
-
-
-
-
-
60.3
4.7
-
-
-
-
56.5 49.4 42.3
10
-
-
-
33.2 26.5 23.2 19.0
22
-
22.6 18.1 15.1 12.1 10.8
-
33
20.1 15.1 12.6 10.1
8.1
-
-
47
14.1 10.6
8.5
7.1
-
-
-
100
6.6
5.0
3.98
-
-
-
-
220
3.0
-
-
-
-
-
-


Similar Part No. - NACP4.7K4V5X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACP470M10V63X45TR13F NIC-NACP470M10V63X45TR13F Datasheet
95Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACP470M16V63X45TR13F NIC-NACP470M16V63X45TR13F Datasheet
95Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACP470M4V4X45TR13F NIC-NACP470M4V4X45TR13F Datasheet
95Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACP470M63V5X45TR13F NIC-NACP470M63V5X45TR13F Datasheet
95Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACP4R7M25V4X45TR13F NIC-NACP4R7M25V4X45TR13F Datasheet
95Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACP4.7K4V5X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com