Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP44GD Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP44GD
Description  4mm SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP44GD Datasheet(HTML) 3 Page - Kingbright Corporation

  WP44GD Datasheet HTML 1Page - Kingbright Corporation WP44GD Datasheet HTML 2Page - Kingbright Corporation WP44GD Datasheet HTML 3Page - Kingbright Corporation WP44GD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAF2366
REV NO: V.1
DATE: APR/19/2005
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1101004545
Green
WP44GD
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - WP44GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP443EDT KINGBRIGHT-WP443EDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443GDT KINGBRIGHT-WP443GDT Datasheet
110Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443HDT KINGBRIGHT-WP443HDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443IDT KINGBRIGHT-WP443IDT Datasheet
107Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443YDT KINGBRIGHT-WP443YDT Datasheet
109Kb / 4P
   2.4mm FLAT TOP LED LAMP
More results

Similar Description - WP44GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP44HD KINGBRIGHT-WP44HD Datasheet
122Kb / 4P
   4mm SOLID STATE LAMP
WP44YD KINGBRIGHT-WP44YD Datasheet
115Kb / 4P
   4mm SOLID STATE LAMP
logo
SunLED Corporation
LUY44D SUNLED-LUY44D Datasheet
174Kb / 4P
   4mm SOLID STATE LAMP
LUG44D SUNLED-LUG44D Datasheet
172Kb / 4P
   4mm SOLID STATE LAMP
LUR44D SUNLED-LUR44D Datasheet
175Kb / 4P
   4mm SOLID STATE LAMP
logo
Kingbright Corporation
WP44ID KINGBRIGHT-WP44ID Datasheet
109Kb / 4P
   4mm SOLID STATE LAMP
L-44HD KINGBRIGHT-L-44HD Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
logo
Unity Opto Technology
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
   SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
   SOLID STATE LAMP
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
   SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com