Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP57EYW Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP57EYW
Description  T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP57EYW Datasheet(HTML) 3 Page - Kingbright Corporation

  WP57EYW Datasheet HTML 1Page - Kingbright Corporation WP57EYW Datasheet HTML 2Page - Kingbright Corporation WP57EYW Datasheet HTML 3Page - Kingbright Corporation WP57EYW Datasheet HTML 4Page - Kingbright Corporation WP57EYW Datasheet HTML 5Page - Kingbright Corporation WP57EYW Datasheet HTML 6Page - Kingbright Corporation WP57EYW Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAF2643
REV NO: V.2
DATE: MAY/11/2007
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101005681
WP57EYW
High Efficiency Red


Similar Part No. - WP57EYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP57EGW KINGBRIGHT-WP57EGW Datasheet
454Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results

Similar Description - WP57EYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-59EGC KINGBRIGHT-L-59EGC Datasheet
60Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
L-59EGW KINGBRIGHT-L-59EGW Datasheet
59Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR59M SUNLED-LUGR59M Datasheet
226Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
LUGY59M SUNLED-LUGY59M Datasheet
228Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP57EGW KINGBRIGHT-WP57EGW Datasheet
454Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP57GYW KINGBRIGHT-WP57GYW Datasheet
455Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59EGW KINGBRIGHT-WP59EGW Datasheet
462Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59GYC KINGBRIGHT-WP59GYC Datasheet
462Kb / 7P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
WP59SURKMGKW KINGBRIGHT-WP59SURKMGKW Datasheet
146Kb / 5P
   T-1 3/4 (5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com