Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP59BL-GYW Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP59BL-GYW
Description  T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP59BL-GYW Datasheet(HTML) 1 Page - Kingbright Corporation

  WP59BL-GYW Datasheet HTML 1Page - Kingbright Corporation WP59BL-GYW Datasheet HTML 2Page - Kingbright Corporation WP59BL-GYW Datasheet HTML 3Page - Kingbright Corporation WP59BL-GYW Datasheet HTML 4Page - Kingbright Corporation WP59BL-GYW Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAF2083
REV NO: V.2
DATE: MAY/21/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102001728
T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED
INDICATOR
Part Number: WP59BL/GYW
Green
Yellow
Features
PRE-TRIMMED LEADS FOR PC BOARD MOUNTING.
3 LEADS WITH COMMON CATHODE LEAD.
I.C. COMPATIBLE.
BLACK CASE ENHANCES CONTRAST RATIO.
WIDE VIEWING ANGLE.
HIGH RELIABILITY - LIFE MEASURED IN YEARS.
UL RATING : 94V-0.
HOUSING MATERIAL: TYPE 66 NYLON.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP59BL-GYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP59BL-EGW KINGBRIGHT-WP59BL-EGW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-EYW KINGBRIGHT-WP59BL-EYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP59BL-GYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP150A9VS-EYW KINGBRIGHT-WP150A9VS-EYW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-EGW KINGBRIGHT-WP150A9VS-EGW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-GYW KINGBRIGHT-WP150A9VS-GYW Datasheet
300Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-EYW KINGBRIGHT-WP59BL-EYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-EGW KINGBRIGHT-WP59CB-EGW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-EYW KINGBRIGHT-WP59CB-EYW Datasheet
298Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-GYW KINGBRIGHT-WP59CB-GYW Datasheet
298Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-EGW KINGBRIGHT-WP59BL-EGW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
L-59EGW KINGBRIGHT-L-59EGW Datasheet
59Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com