Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP103HDT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP103HDT
Description  2mmx5mm RECTANGULAR SOLID LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP103HDT Datasheet(HTML) 3 Page - Kingbright Corporation

  WP103HDT Datasheet HTML 1Page - Kingbright Corporation WP103HDT Datasheet HTML 2Page - Kingbright Corporation WP103HDT Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPEC NO: DSAF2571
REV NO: V.1
DATE: APR/16/2005
PAGE: 3 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1101000374-01
Bright Red
WP103HDT
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical
accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - WP103HDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1034GDT KINGBRIGHT-WP1034GDT Datasheet
113Kb / 4P
   2mm FLAT TOP LED LAMP
WP1034HDT KINGBRIGHT-WP1034HDT Datasheet
109Kb / 4P
   2mm FLAT TOP LED LAMP
WP1034IDT KINGBRIGHT-WP1034IDT Datasheet
110Kb / 4P
   2mm FLAT TOP LED LAMP
WP1034YDT KINGBRIGHT-WP1034YDT Datasheet
113Kb / 4P
   2mm FLAT TOP LED LAMP
WP103EDT KINGBRIGHT-WP103EDT Datasheet
74Kb / 3P
   2mmx5mm RECTANGULAR SOLID LAMP
More results

Similar Description - WP103HDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP103IDT KINGBRIGHT-WP103IDT Datasheet
75Kb / 3P
   2mmx5mm RECTANGULAR SOLID LAMP
WP103YDT KINGBRIGHT-WP103YDT Datasheet
78Kb / 3P
   2mmx5mm RECTANGULAR SOLID LAMP
WP103EDT KINGBRIGHT-WP103EDT Datasheet
74Kb / 3P
   2mmx5mm RECTANGULAR SOLID LAMP
WP103SRDT KINGBRIGHT-WP103SRDT Datasheet
78Kb / 3P
   2mmx5mm RECTANGULAR SOLID LAMP
WP103GDT KINGBRIGHT-WP103GDT Datasheet
77Kb / 3P
   2mmx5mm RECTANGULAR SOLID LAMP
WP169XYD KINGBRIGHT-WP169XYD Datasheet
263Kb / 6P
   2x3mm RECTANGULAR SOLID LAMP
WP513GDT KINGBRIGHT-WP513GDT Datasheet
264Kb / 6P
   2.5x5mm RECTANGULAR SOLID LAMP
WP513IDT KINGBRIGHT-WP513IDT Datasheet
264Kb / 6P
   2.5x5mm RECTANGULAR SOLID LAMP
WP1002HD KINGBRIGHT-WP1002HD Datasheet
72Kb / 3P
   1.1x3.4mm RECTANGULAR SOLID LAMP
WP144GDT KINGBRIGHT-WP144GDT_15 Datasheet
317Kb / 6P
   1.9x3.9mm RECTANGULAR SOLID LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com