Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP115WEYW Datasheet(PDF) 4 Page - Kingbright Corporation

Part # WP115WEYW
Description  T-1 (3mm) BI-COLOR INDICATOR LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP115WEYW Datasheet(HTML) 4 Page - Kingbright Corporation

  WP115WEYW Datasheet HTML 1Page - Kingbright Corporation WP115WEYW Datasheet HTML 2Page - Kingbright Corporation WP115WEYW Datasheet HTML 3Page - Kingbright Corporation WP115WEYW Datasheet HTML 4Page - Kingbright Corporation WP115WEYW Datasheet HTML 5Page - Kingbright Corporation WP115WEYW Datasheet HTML 6Page - Kingbright Corporation WP115WEYW Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPEC NO: DSAF2638
REV NO: V.2
DATE: MAY/10/2007
PAGE: 4 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101000807
Yellow


Similar Part No. - WP115WEYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP115WEGW KINGBRIGHT-WP115WEGW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115WEGW KINGBRIGHT-WP115WEGW_15 Datasheet
346Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results

Similar Description - WP115WEYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP115WGYW KINGBRIGHT-WP115WGYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP3VEGW KINGBRIGHT-WP3VEGW Datasheet
463Kb / 7P
   T-1(3mm) BI-COLOR INDICATOR LAMP
W115VEGW KINGBRIGHT-W115VEGW Datasheet
177Kb / 3P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR92M SUNLED-LUGR92M Datasheet
214Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
LMDKVG34M SUNLED-LMDKVG34M Datasheet
216Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP115VEYW KINGBRIGHT-WP115VEYW_15 Datasheet
349Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
107Kb / 4P
   T-1(3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
462Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEYW KINGBRIGHT-WP115VEYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VGYW KINGBRIGHT-WP115VGYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com