Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMCY5V Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NMCY5V
Description  Multilayer Ceramic Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMCY5V Datasheet(HTML) 2 Page - NIC-Components Corp.

  NMCY5V Datasheet HTML 1Page - NIC-Components Corp. NMCY5V Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
11
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NMC Series Y5V
Multilayer Ceramic Chip Capacitors
P
P
L
W
H
100% Sn over Ni barrier
Y5V CAPACITOR SIZE AND DISSIPATION FACTOR CHART (mm)
EIA Case Size
0201
0402
0603
0805
1206
Length (L)
0.6 ± 0.05
1.0 ± 0.05
1.6 ± 0.15
2.0 ± 0.2
3.2 ± 0.2
Width (W)
0.3 ± 0.05
0.5 ± 0.05
0.8 ± 0.15
1.25 ± 0.2
1.6 ± 0.2
Thickness max. (T)
0.33
0.6
1.0
1.30
1.80
Termination Width (P) 0.10 ~ 0.20
0.2±0.1
0.12 ~ 0.51
0.25 ~ 0.71
0.25 ~ 0.71
Capacitance
Working Voltage (Vdc)
4
10
6.3
10 16 25 50
10
16
25 50 6.3
10
16 25 50 100 6.3
10
16
25
50 100
0.01
µF
12.5% 9% 7% 7% 12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.015
µF
12.5% 9% 7% 7% 12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.022
µF
16%
12.5%
16% 12.5% 9% 7% 7% 12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.027
µF
16%
12.5%
16% 12.5% 9% 7% 7% 12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.033
µF
16%
12.5%
16% 12.5% 9% 7% 7% 12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.036
µF
16%
12.5%
16% 12.5% 9% 7%
12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.039
µF
16%
12.5%
16% 12.5% 9% 7%
12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.047
µF
16%
12.5%
16% 12.5% 9% 7%
12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.056
µF
16%
16% 12.5% 9%
12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.068
µF
16%
16% 12.5% 9%
12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.075
µF
16%
16% 12.5% 9%
12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.082
µF
16%
16% 12.5% 9%
12.5%
7%
5% 5% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.1
µF
16% 12.5% 9%
12.5%
7%
7% 7% 16%
12.5%
9%
5%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.15
µF
16% 12.5%
12.5%
9%
9% 9% 16%
12.5%
9%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.18
µF
16% 12.5%
12.5%
9%
9% 9% 16%
12.5%
9%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.22
µF
16% 12.5%
12.5%
9%
9% 9% 16%
12.5%
9%
5%
5%
16% 12.5%
9%
5%
5%
5%
0.27
µF
16% 12.5%
12.5% 12.5% 9%
16%
12.5%
9%
5%
5%
16% 12.5%
9%
5%
5%
0.33
µF
16% 12.5%
12.5% 12.5% 9%
16%
12.5%
9%
7%
7%
16% 12.5%
9%
5%
5%
0.36
µF
16% 12.5%
12.5% 12.5% 9%
16%
12.5%
9%
9%
16% 12.5%
9%
5%
5%
0.39
µF
16% 12.5%
12.5% 12.5% 9%
16%
12.5%
9%
9%
16% 12.5%
9%
5%
5%
0.47
µF
16% 12.5%
12.5% 12.5% 9%
16%
12.5%
9%
9%
16% 12.5%
9%
5%
5%
0.56
µF
16%
12.5% 12.5% 9%
16%
12.5%
9%
9%
16% 12.5%
9%
5%
5%
0.68
µF
16%
12.5% 12.5% 9%
16%
12.5%
9% 9%*
16% 12.5%
9%
5%
5%
0.82
µF
16%
12.5% 12.5% 9%
16%
12.5%
9% 9%*
16% 12.5%
9%
5%
5%
*1.35mm maximum thickness
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
See NMC high CV series for values above 0.82uF


Similar Part No. - NMCY5V

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMCY5V NIC-NMCY5V_14 Datasheet
113Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMCY5V

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com