Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMCX5R Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NMCX5R
Description  Multilayer Ceramic Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMCX5R Datasheet(HTML) 2 Page - NIC-Components Corp.

  NMCX5R Datasheet HTML 1Page - NIC-Components Corp. NMCX5R Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
9
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
X5R CAPACITOR SIZE CHART (mm)
EIA Case Size
0201
0402
0603
Length (L)
0.6 ± 0.05
1.0±0.05
1.6±0.15
Width (W)
0.3 ± 0.05
0.5±0.05
0.8±0.15
Thickness max. (T)
0.33
0.6
1.0
Termination Width (P) 0.10 ~ 0.20
0.2±0.1
0.12 ~ 0.51
Capacitance
Working Voltage (Vdc)
6.3
10
6.3
10
16
6.3
10
16
25
0.0012
µF
0.0015
µF
0.0018
µF
0.0022
µF
0.0027
µF
0.0033
µF
0.0039
µF
0.0047
µF
0.0056
µF
0.0068
µF
0.0075
µF
0.0082
µF
0.01
µF
0.015
µF
0.018
µF
0.022
µF
0.027
µF
0.033
µF
0.036
µF
0.039
µF
0.047
µF
0.056
µF
0.068
µF
0.075
µF
0.082
µF
0.1
µF
0.15
µF
0.18
µF
0.22
µF
0.27
µF
0.33
µF
0.36
µF
0.39
µF
0.47
µF
0.56
µF
0.68
µF
0.82
µF
P
P
L
W
H
100% Sn over Ni barrier
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
NMC Series X5R
Multilayer Ceramic Chip Capacitors
See NMC high CV series for values above 0.82uF


Similar Part No. - NMCX5R

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMCX5R NIC-NMCX5R_14 Datasheet
88Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMCX5R

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com