Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC-H Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NMC-H
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-H Datasheet(HTML) 3 Page - NIC-Components Corp.

  NMC-H Datasheet HTML 1Page - NIC-Components Corp. NMC-H Datasheet HTML 2Page - NIC-Components Corp. NMC-H Datasheet HTML 3Page - NIC-Components Corp. NMC-H Datasheet HTML 4Page - NIC-Components Corp. NMC-H Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
27
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NMC-H NPO Series
Multilayer Ceramic Chip Capacitors
EIA Case Size
1808
1812
1825
2220
2225
Length (L)
4.6 ± 0.40
4.6 ± 0.30
4.6 ± 0.30
5.7 ±0.40
5.70 ± 0,40
Width (W)
2.0 ± 0.30
3.2 ± 0.30
6.35 ± 0.40
5.00 ± 0.40
6.35 ± 0.40
Thickness (T)
2.20 max.
3.00 max.
3.00 max.
3.00 max.
3.00 max.
Termination Width (P)
0.25 ~ 0.75
0.25 ~ 0.75
0.3 ~ 1.05
0.30 ~ 1.10
0.30 ~ 1.10
Capacitance
Working Voltage (Vdc)
200
250
500 1KV 2KV 3KV 200
250
500 1KV 2KV 3KV 250 500
1K
2K
1K
250 500 1K
0.22pF ~ 8.2pF
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
0.001
µF
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
NPO-HIGH VOLTAGE SIZE CHART (mm)


Similar Part No. - NMC-H

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-H1206NPO102J1KVTRP NIC-NMC-H1206NPO102J1KVTRP Datasheet
103Kb / 6P
   Multilayer Ceramic Chip Capacitors
NMC-H1808 NIC-NMC-H1808 Datasheet
40Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC-H NIC-NMC-H_14 Datasheet
103Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-H

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com