Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6201P503PLG Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML6201P503PLG
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P503PLG Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML6201P503PLG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P503PLG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P503PLG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P503PLG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P503PLG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P503PLG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P2/6
Rev. A, June 2005
ML6201
Package Pin Number
SOT-23-5
SOT-89
TO-92
Pin Name
Function
5
1
1
VOUT
Output
2
2
2
VSS
Ground
1
3
3
VIN
Power Input
3
(NC)
No Connection
4
(NC)
No Connection
Standard Circuit
Note on Use
1. Oscillation may occur as a result of the impedance present between the power supply and the IC’s input. Please use a
capacitor (CIN) of at least 1uF, when the impedance is 10 ohm or more.
With a large output current, Voltage output can be stabilised by increasing capacitor (CIN) size. If CIN is small and
capacitor (CL) size is increased, oscillation may occur. In such cases, Voltage output can be stabilised by either increasing
the size of CIN or decreasing the size of CL.
2. Please ensure that output current (IOUT) is less than Pd / (VIN-VOUT) and does not exceed the stipulated Continuous Total
Power Dissipation value (Pd).
Test Circuit
Test Circuit 1
Pin Configuration
Test Circuit 2
SOT-23-5
SOT-89
TO-92


Similar Part No. - ML6201P503PLG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
ML6206 MINILOGIC-ML6206 Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBG MINILOGIC-ML6206P302MBG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBGG MINILOGIC-ML6206P302MBGG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MHG MINILOGIC-ML6206P302MHG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
More results

Similar Description - ML6201P503PLG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com