Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC-H1206NPO102J250TRPF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NMC-H1206NPO102J250TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC-H1206NPO102J250TRPF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NMC-H1206NPO102J250TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC-H1206NPO102J250TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC-H1206NPO102J250TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC-H1206NPO102J250TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC-H1206NPO102J250TRPF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
25
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NMC-H Series
FEATURES
• HIGH VOLTAGE 200Vdc ~ 3KVdc
• NPO AND X7R DIELECTRICS
• 0603, 0805, 1206, 1210, 1808 AND 1812 SIZES
• NICKEL BARRIER TERMINATION AND EXCELLENT
MECHANICAL STRENGTH
Multilayer Ceramic Chip Capacitors
SPECIFICATIONS
NPO
X7R
Operating Temperature Range
-55°C ~ +125°C
-55°C ~ +125°C
Temperature Characteristic
±30ppm
±15%
Dissipation Factor
< 0.1%
< 2.5%
Insulation Resistance
> 500Meg
Ω or 500MegΩ-µF whichever is less
Test Method: Voltage rating < 500V measured after 1 minute at rated voltage,
Voltage rating > 500V measured after 1 minute at 500V
Capacitance Range
0.22pF ~ 0.0056
µF
150pF ~ 0.47
µF
Capacitance Tolerance
±0.1pF(B), ±0.25pF(C), ±0.5pF(D)
±1%(F), ±2%(G), ±5%(J), ±10%(K), ±20(M)
±5%(J), ±10%(K), ±20(M)
Rated Voltage
250Vdc ~ 3KVdc
Dielectric Withstanding Voltage
Working Voltage 200 & 250Vdc x 1.5 + 100Vdc for 5 seconds
Working Voltage 500Vdc x 1.5 for 5 seconds
Working Voltage greater than 500Vdc x 1.2 for 5 seconds
Test Conditions (C & DF)
C < 1000pF = 1MHz, 1Vrms @ 25°C
C < 1000pF = 1KHz, 1Vrms @ 25°C
1KHz, 1Vrms @ 25°C
NMC-H 1210 NPO 102 J 1KV TRP or TRPLP F
RoHS compliant
Tape & Reel (Embossed Plastic Carrier)
Tape & Reel (Paper carrier)
Voltage (Vdc)
Capacitance Tolerance Code (see chart)
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic
Size Code (see chart)
Series
PART NUMBER SYSTEM
CONSTRUCTION
P
P
L
W
H
100% Sn over Ni barrier
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NMC-H1206NPO102J250TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC-H1206NPO102J1KVTRP NIC-NMC-H1206NPO102J1KVTRP Datasheet
103Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC-H1206NPO102J250TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com