Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6201P302TBG Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

Part # ML6201P302TBG
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6201P302TBG Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML6201P302TBG Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6201P302TBG Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6201P302TBG Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6201P302TBG Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6201P302TBG Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6201P302TBG Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P5/6
Rev. A, June 2005
ML6201
Input Voltage
VIN(V)
Conditions
TYP. MAX.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
MAX.
ML6201P113
ML6201P123
ML6201P133
ML6201P143
ML6201P153
ML6201P163
ML6201P173
ML6201P183
ML6201P193
ML6201P202
ML6201P212
ML6201P222
ML6201P232
ML6201P242
ML6201P252
ML6201P262
ML6201P272
ML6201P282
ML6201P292
ML6201P302
ML6201P312
ML6201P322
ML6201P332
ML6201P342
ML6201P352
ML6201P362
ML6201P372
ML6201P382
ML6201P392
ML6201P402
ML6201P412
ML6201P422
ML6201P432
ML6201P442
ML6201P452
ML6201P462
ML6201P472
ML6201P482
ML6201P492
ML6201P502
ML6201P512
ML6201P522
ML6201P532
ML6201P542
ML6201P552
ML6201P562
ML6201P572
ML6201P582
ML6201P592
ML6201P602
380
750
4.5
850
10
VIN=VOUT(T)+1V
2.8
3.0
3.3
Input Stability
∆ VOUT/(∆
∆ VIN*VOUT) (%V)
0.2
0.3
IOUT=40mA
VOUT(T)+1V<VIN<10V
0.2
0.4
Supply Current
2.5
4.5
2.0
4.5
4.5
4.5
I-O Voltage Differential
Vdif2(mV)
IOUT=100mA
400
850
IOUT=200mA
ISS(uA)
IOUT=180mA
Part Number
IOUT=40mA
450
850
IOUT=80mA
450
850
400
750
IOUT=150mA
400
850
IOUT=60mA
450


Similar Part No. - ML6201P302TBG

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
ML6206 MINILOGIC-ML6206 Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBG MINILOGIC-ML6206P302MBG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MBGG MINILOGIC-ML6206P302MBGG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
ML6206P302MHG MINILOGIC-ML6206P302MHG Datasheet
542Kb / 13P
   ML6206 Series Low ESR Cap. Compatible Positive Voltage Regulator
More results

Similar Description - ML6201P302TBG

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com