Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACENR33K354X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACENR33K354X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACENR33K354X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACENR33K354X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
9
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACEN Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• NON-POLARIZED, 2000 HOURS AT 85OC
• 5.5mm HEIGHT
• ANTI-SOLVENT (2 MINUTES)
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 85OC)
STANDARD PRODUCT AND CASE SIZE TABLE DXL (mm)
*Denotes values available in optional 10% tolerance
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NACEN
100 M 16V 5x5.5 TR 13 F
RoHS Compliant
97% Sn (min.), 3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
µF
Series
PART NUMBER SYSTEM
0.3mm max.
D
φ
L
I
I
W
P
A
B
DIMENSIONS (mm)
Case Size D
φ±0.5 L max. A/B±0.2 I ± 0.2
W
P±0.2
4x5.5
4.0
5.5
4.3
1.8
0.5 ~ 0.8
1.0
5x5.5
5.0
5.5
5.3
2.1
0.5 ~ 0.8
1.4
6.3x5.5
6.3
5.5
6.6
2.5
0.5 ~ 0.8
2.2
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
0.1 ~ 47
µF
Operating Temperature Range
-40° ~ +85°C
Capacitance Tolerance
±20%(M), ±10%(K)*
Max. Leakage Current After 1 Minutes at 20°C
0.03CV +6
µA maximum
Max. Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
Tan
δ @ 120Hz/20°C
0.24
0.20
0.17
0.17
0.15
0.15
Low Temperature
Stability
(Impedance Ratio @ 120Hz)
W.V. (Vdc)
6.3
10
16
25
35
50
Z-40°C/Z +20°C
4
3
2
2
2
2
Z-40°C/Z +20°C
8
8
4
4
3
3
Load Life Test at Rated W.V.
85°C 2,000 Hours
(Reverse polarity every 500 hours)
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified value
Cap.
(µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
R10
-
-
-
-
-
4x5.5
0.22
R22
-
-
-
-
-
4x5.5
0.33
R33
-
-
-
-
-
4x5.5*
0.47
R47
-
-
-
-
-
4x5.5
1.0
1R0
-
-
-
-
-
4x5.5*
2.2
2R2
-
-
-
-
4x5.5*
5x5.5*
3.3
3R3
-
-
-
4x5.5*
5x5.5*
5x5.5*
4.7
4R7
-
-
4x5.5
5x5.5*
5x5.5*
6.3x5.5
10
100
-
4x5.5*
5x5.5*
6.3x5.5* 6.3x5.5* 6.3x5.5*
22
220
5x5.5*
6.3x5.5* 6.3x5.5*
-
-
-
33
330
6.3x5.5* 6.3x5.5* 6.3x5.5*
-
-
-
47
470
6.3x5.5*
-
-
-
-
-
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
0.1
-
-
-
-
-
1.0
0.22
-
-
-
-
-
2.3
0.33
-
-
-
-
-
3.5
0.47
-
-
-
-
-
5.0
1.0
-
-
-
-
-
10
2.2
-
-
-
-
8.4
15
3.3
-
-
-
10
17
18
4.7
-
-
12
19
20
23
10
-
17
25
28
30
23
22
31
35
39
-
-
-
33
39
43
57
-
-
-
47
47
-
-
-
-
-


Similar Part No. - NACENR33K354X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACE NIC-NACE Datasheet
403Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACE0.1K100V3X5.5TR13F NIC-NACE0.1K100V3X5.5TR13F Datasheet
403Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACE0.1K100V4X5.5TR13F NIC-NACE0.1K100V4X5.5TR13F Datasheet
403Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACE0.1K100V5X5.5TR13F NIC-NACE0.1K100V5X5.5TR13F Datasheet
403Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACE0.1K100V6.3X5.5TR13F NIC-NACE0.1K100V6.3X5.5TR13F Datasheet
403Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACENR33K354X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com