Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNR101M166.3X11F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NNR101M166.3X11F
Description  Non-Polar Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NNR101M166.3X11F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NNR101M166.3X11F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
86
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
87
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Non-Polar Aluminum Electrolytic Capacitors
RADIAL LEADS NON-POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS
NNR Series
CHARACTERISTICS
STANDARD PRODUCTS AND
CASE SIZE TABLE D φ x L (mm)
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120HZ AND 85oC)
LEAD SPACING AND DIAMETER (mm)
FEATURES
• DESIGNED FOR APPLICATIONS WITH REVERSIBLE POLARITY
• LOW AC VOLTAGE CAN BE SUPERIMPOSED WITHIN THE LIMITED
ARIPPLE CURRENT
RIPPLE CURRENT
PART NUMBERING SYSTEM
NNR 101 M 25V 8X11 F
RoHS Compliant
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Cap. Code: First 2 characters significant
Third character is multiplier
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Cap. Code: First 2 characters significant
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Cap. Code: First 2 characters significant
Third character is multiplier
Series
Series
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Cap. Code: First 2 characters significant
Cap. Code: First 2 characters significant
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Tolerance Code (M=20%)
Tolerance Code (M=20%)
RoHS Compliant
Case Size (D
Working Voltage (Vdc)
Working Voltage (Vdc)
RoHS Compliant
Case Size (D
Case Size (D
RoHS Compliant
RoHS Compliant
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Cap. (µF)
Working Voltage (Vdc)
10
16
25
35
50
100
0.47
-
-
-
-
5.0
8.0
1.0
-
-
-
-
10
15
2.2
-
-
-
-
20
25
3.3
-
-
-
-
28
30
4.7
-
-
25
30
38
46
10
-
28
40
45
50
70
22
38
50
60
75
90
120
33
58
60
80
90
110
170
47
70
85
90
125
135
200
100
125
165
180
200
250
-
220
225
260
320
350
410
-
330
295
360
425
440
-
-
470
390
420
540
585
-
-
1000
620
740
-
-
-
-
Cap. (µF)
Working Voltage (Vdc)
10
16
25
35
50
100
0.47
-
-
-
-
458.79 317.62
1.0
-
-
-
-
215.63 149.28
2.2
-
-
-
-
98.01 67.86
3.3
-
-
-
-
65.34 45.24
4.7
-
-
56.47 49.41 45.88 31.76
10
-
29.86 26.54 23.22 21.56 14.93
22
15.08 13.57 12.06 10.56
9.80
6.79
33
10.05
9.05
8.04
7.04
6.53
4.52
47
7.06
6.35
5.65
4.94
4.59
3.18
100
3.32
2.99
2.65
2.32
2.16
-
220
1.51
1.36
1.21
1.06
0.98
-
330
1.01
0.90
0.80
0.70
-
-
470
0.71
0.64
0.56
0.49
-
-
1000
0.33
0.30
-
-
-
-
MAXIMUM ESR
(Ω AT 120HZ AND 20oC)
Cap. (µF)
Working Voltage (Vdc)
10
16
25
35
50
100
0.47
-
-
-
-
5x11
5x11
1.0
-
-
-
-
5x11
5x11
2.2
-
-
-
-
5x11
5x11
3.3
-
-
-
-
5x11
6.3x11
4.7
-
-
5x11
5x11
5x11
6.3x11
10
-
5x11
5x11
5x11
6.3x11 8x12.5
22
5x11
5x11
5x11
6.3x11 8x11.5
10x16
33
5x11
5x11
6.3x11 6.3x11 8x11.5
10x20
47
5x11
6.3x11 6.3x11 8x11.5 10x12.5 12.5x25
100
6.3x11
8x11.5 8x12.5 10x12.5 10x20
-
220
8x12.5 10x12.5 10x16
10x20 12.5x25
-
330
10x12.5 10x16
10x20 12.5x25
-
-
470
10x16
10x20 12.5x20 12.5x25
-
-
1000
12.5x20 12.5x25
-
-
-
-
LEAD SPACING AND DIAMETER (mm)
Case Dia. (Dφ)
5
6.3
8
10 12.5
Lead Dia. (dφ)
0.5 0.5 0.6 0.6 0.6
Lead Space (F) 2.0 2.5 3.5 5.0 5.0
Dim. α
0.5 0.5 0.5 0.5 0.5
Dim. β
1.5 1.5 1.5 1.5 1.5
Dφ ± α
dφ ± 0.05
Insulation Sleeve
4mm
Min.
15mm Min.
L + β max.
F ± 0.5
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
10 ~ 100Vdc
Capacitance Range
0.47 ~ 1,000µF
Operating Temperature Range
-40 ~ +85°C
Capacitance Tolerance
±10% (K), ±20%(M)
Max. Leakage Current
After 5 minutes At +20°C
0.03CV +8µA
Surge Voltage &
Max. Tan δ @ 120Hz/+20°C
W.V. (Vdc)
10
16
25
35
50
100
S.V. (Vdc)
13
20
32
44
63
125
Tan δ
0.20
0.18
0.14
0.13
0.09
0.10
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
3
2
2
2
2
2
Z-40°C/Z+20°C
8
6
4
3
3
3
Load Life Test at Rated W.V. & +85°C
2,000 Hours (Polarity Shall Be
Reversed Every 250 Hours
Capacitance Change
Within ±25% of initial measured value
Tan δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value


Similar Part No. - NNR101M166.3X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NNR101M16V8x115F NIC-NNR101M16V8x115F Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
More results

Similar Description - NNR101M166.3X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST Datasheet
419Kb / 4P
   85 쨘C Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com