Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACEWR22M106.3X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACEWR22M106.3X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACEWR22M106.3X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACEWR22M106.3X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp. NACEWR22M106.3X5.5TR13F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
11
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACEW Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• WIDE TEMPERATURE -55 ~ +105OC
• ANTI-SOLVENT (2 MINUTES)
• DESIGNED FOR REFLOW ttSOLDERING
* Optional ± 10% (K) Tolerance - see case size chart.**
For higher voltages, 200V and 400V, see NACV series.
CHARACTERISTICS
MAXIMUM ESR
(
Ω AT 120Hz AND 20OC)
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 120Hz AND 105OC)
Rated Voltage Range
6.3 ~ 100Vdc**
Rate Capacitance Range
0.1 ~ 6,800µF
Operating Temp. Range
-55°C ~ +105°C (100V -40°C ~ +105 °C)
Capacitance Tolerance
±20% (M), ±10% (K)*
Max. Leakage Current
After 2 Minutes @ 20°C
0.01CV or 3µA
whichever is greater
Max. Tan
δ @120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
4 ~ 6.3mm Dia.
0.24
0.20
0.16
0.14
0.12
0.10
0.12
0.10
8 & larger
0.28
0.24
0.20
0.16
0.14
0.12
0.12
0.10
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
Z-40°C/Z+20°C
3
3
2
2
2
2
2
2
Z-55°C/Z+20°C
8
6
4
4
3
3
3
-
Load Life Test
4 ~ 6.3mm Dia. & 10x8mm
+105°C 1,000 hours
+95°C 2,000 hours
+85°C 4,000 hours
Capacitance Change
Within ± 25% of initial measured value
Tan
δ
Less than 200% of specified max. value
8 ~ 16mm Dia.
+105°C 2,000 hours
+95°C 4,000 hours
+85°C 8,000 hours
Leakage Current
Less than specified max. value
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Frequency (Hz)
f < 100
100 > f < 1K 1K > f < 10K f > 100K
Correction Factor
0.8
1.0
1.3
1.5
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
0.1
-
-
-
-
-
0.7
0.7
-
0.22
-
-
-
-
-
1.6
1.6
-
0.33
-
-
-
-
-
2.5
2.5
-
0.47
-
-
-
-
-
3.5
3.5
-
1.0
-
-
-
-
-
7.0
7.0
7.0
2.2
-
-
-
-
-
11
11
14
3.3
-
-
-
-
-
13
14
20
4.7
-
-
-
13
14
16
16
25
10
-
-
18
20
21
24
24
35
22
22
25
27
36
38
32
49
84
33
27
30
40
44
42
60
112
133
47
33
41
48
48
49
63
119
240
100
50
-
60
91
84
140
196
-
150
55
62
95
140
155
-
-
500
220
67
105
105
175
190
220
287
-
330
105
195
195
220
300
-
-
-
470
210
210
230
300
410
-
630
-
1000
280
310
-
460
-
655
-
-
1500
310
-
500
-
740
-
-
-
2200
-
510
-
805
-
-
-
-
3300
520
-
840
-
-
-
-
-
4700
-
880
-
-
-
-
-
-
6800
930
-
-
-
-
-
-
-
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
0.1
-
-
-
-
-
1660
1990
-
0.22
-
-
-
-
-
754
905
-
0.33
-
-
-
-
-
503
604
-
0.47
-
-
-
-
-
353
424
-
1.0
-
-
-
-
-
166
199
166
2.2
-
-
-
-
-
75.4
90.5
75.4
3.3
-
-
-
-
-
50.3
60.3
50.3
4.7
-
-
-
49.4
42.3
35.3
42.3
35.3
10
-
-
26.5
23.2
19.9
16.6
19.9
16.6
22
18.1
15.1
12.1
10.6
9.05
7.64
9.04
7.64
33
12.1
10.1
8.04
7.04
6.04
5.03
6.03
5.03
47
8.47
7.06
5.65
4.95
4.24
3.53
4.24
3.53
100
3.98
-
2.66
2.32
2.32
1.99
1.99
-
150
2.66
2.21
1.77
1.77
1.55
-
-
1.10
220
1.81
1.51
1.21
1.21
1.06
0.91
0.91
-
330
1.21
1.21
1.00
0.80
0.70
-
-
-
470
0.99
0.85
0.71
0.57
0.49
-
0.42
-
1000
0.46
0.40
-
0.27
-
0.20
-
-
1500
0.31
-
0.23
-
0.15
-
-
-
2200
-
0.18
-
0.14
-
-
-
-
3300
0.14
-
0.12
-
-
-
-
-
4700
-
0.11
-
-
-
-
-
-
6800
0.093
-
-
-
-
-
-
-


Similar Part No. - NACEWR22M106.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACEW100M100V63X8TR13F NIC-NACEW100M100V63X8TR13F Datasheet
178Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M16V4X55TR13F NIC-NACEW100M16V4X55TR13F Datasheet
178Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M25V5X55TR13F NIC-NACEW100M25V5X55TR13F Datasheet
178Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M35V5X55TR13F NIC-NACEW100M35V5X55TR13F Datasheet
178Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
NACEW100M50V63X55TR13F NIC-NACEW100M50V63X55TR13F Datasheet
178Kb / 5P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACEWR22M106.3X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com