Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABTH162245ADL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABTH162245ADL
Description  16-Bit bus transceiver with 30W series termination resistors (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH162245ADL Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABTH162245ADL Datasheet HTML 1Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 2Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 3Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 4Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 5Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 6Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 7Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 8Page - NXP Semiconductors 74ABTH162245ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT162245A
74ABTH162245A
16-bit bus transceiver with 30
Ω series
termination resistors (3-State)
2
1998 Feb 25
853-1772 19018
FEATURES
16-bit bidirectional bus interface
Power-up 3-State
Multiple V
CC and GND pins minimize switching noise
3-State buffers
Output capability: +12mA/–32mA
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200V per Machine Model
Same part as 74ABT16245A-1
74ABTH162245A incorporates bus hold data inputs which
eliminate the need for external pull-up resistors to hold unused
inputs
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
DESCRIPTION
The 74ABT162245A high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed.
The 74ABT162245A device is a 16-bit transceiver featuring
non-inverting 3-State bus compatible outputs in both send and
receive directions. The control function implementation minimizes
external timing requirements. The device features two Output
Enable (1OE, 2OE) inputs for easy cascading and two Direction
(1DIR, 2DIR) inputs for direction control.
The 74ABT162245A is designed with 30 ohm series resistance in
both the upper and lower output structures on both A and B ports.
This design reduces line noise in applications such as memory
address drivers, clock drivers, and bus receiver/transmitters.
The 74ABT162245A is the same as the 74ABT16245A-1. The part
number has been changed to reflect industry standards
Two options are available, 74ABT162245A which does not have the
bus hold feature and the 74ABTH162245A which incorporates the
bus hold feature.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF; VCC = 5V
2.0
3.0
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
CI/O
I/O pin capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Quiescent supply current
Outputs disabled; VCC = 5.5V
300
nA
ICCL
Quiescent su
ly current
Outputs Low; VCC = 5.5V
10
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT162245A DL
BT162245A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT162245A DGG
BT162245A DGG
SOT362-1
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH162245A DL
BH162245A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH162245A DGG
BH162245A DGG
SOT362-1


Similar Part No. - 74ABTH162245ADL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABTH162245ADGG NEXPERIA-74ABTH162245ADGG Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
More results

Similar Description - 74ABTH162245ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
   16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
   16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
logo
NXP Semiconductors
74ABT2245 PHILIPS-74ABT2245 Datasheet
111Kb / 12P
   Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
logo
NXP Semiconductors
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
   16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com