Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAR-4SM Datasheet(PDF) 1 Page - Mini-Circuits

Part # MAR-4SM
Description  MONOLITHIC AMPLIFIERS 50 Ohm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MAR-4SM Datasheet(HTML) 1 Page - Mini-Circuits

  MAR-4SM Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003
(718) 934-4500 Fax (718) 332-4661
Distribution Centers/ NORTH AMERICA 800-654-7949 ¨ 417-335-5935 Fax 417-335-5945 EUROPE 44-1252-835094 Fax 44-1252-837010
®
MODEL
NO.
GAIN, dB
Typical (at MHz)
(see RF/IF
Designer
Handbook)
CAPD
DATA
MAXIMUM
POWER, dBm
VSWR
Typ.
DC
POWER
at Pin 3
ABSOLUTE
MAXIMUM
RATING7
(25 °C)
Input
(no
damage)
Out
P (mW)
Current
(mA)
Volt
Typ.
IP3
dBm
Typ.
In
I (mA)
Price
$
Case
Style
note 1
(Qty 30)
DYNAMIC
RANGE
Typ. Output
(1 dB
Comp.)
NF
dB
Typ.
marking identification
Alphanumeric
Color
Model
Code
OR
Dot
MAR-1SM
A01
Brown
MAR-2SM
A02
Red
MAR-3SM
A03
Orange
MAR-4SM
A04
Yellow
MAR-6SM
A06
White
MAR-7SM
A07
Violet
MAR-8SM
A08
Blue
RAM-1
1 or A01
RAM-2
2 or A02
RAM-3
3 or A03
RAM-4
4 or A04
RAM-6
6 or A06
RAM-7
7 or A07
RAM-8
8 or A08
MAV-1SM
1
MAV-2SM
2
MAV-3SM
3
MAV-4SM
4
MAV-5SM
5
MAV-11SM
A
VAM-3
A03
VAM-6
A06
VAM-7
A07
MAV-SM
MAR-SM
Note
B
Page
C
O
N
N
E
C
T
I
O
N
100
1000
2000
MIN.
3-6
108
JFREQ.
MHz
MAR-1SM
DC-1000
18.5
15.5
13.0
+1.5
+13
5.5 +14.0
1.3
1.2
40
200
17
5.00
115
3-22
WW107 cb
1.04
MAR-2SM
DC-2000
12.5
12.0
11.0
8.5
+4.5
+13
6.5 +17.0
1.5
1.4
60
325
25
5.00
105
3-22
WW107 cb
1.17
MAR-3SM
DC-2000
12.5
12.0
10.5
8.0
+10.0
+13
6.0 +23.0
1.5
1.7
70
400
35
5.00
115
3-22
WW107 cb
1.24
MAR-4SM
DC-1000
8.3
8.0
7.0
+12.5
+13
7.0 +25.5
1.5
1.9
85
500
50
5.25
100
3-23
WW107 cb
1.34
MAR-6SM
DC-2000
20.0
16.0
11.0
9.0
+2.0
+13
3.0 +14.5
1.7
1.7
50
200
16
3.50
120
3-23
WW107 cb
1.21
MAR-7SM
DC-2000
13.5
12.5
11.0
8.5
+5.5
+13
5.0 +19.0
1.7
1.7
60
275
22
4.00
120
3-23
WW107 cb
1.36
MAR-8SM
DC-1000
32.5
22.5
19.0
+12.5
+13
3.3 +27.0
#
#
65
500
36
7.80
140
3-24
WW107 cb
1.32
MAV-1SM
DC-1000
18.5
15.0
12.5
+1.5
+13
5.5 +14.0
1.4
1.3
40
200
17
5.00
110
3-24
RRR137 cb
1.04
MAV-2SM
DC-1500
12.5
11.0
10.0**
7.5
+4.5
+13
6.5 +17.0
1.3
1.4
60
325
25
5.00
100
3-24
RRR137 cb
1.17
MAV-3SM
DC-1500
12.5
11.0
10.0**
7.5
+10.0
+13
6.0 +23.0
1.3
1.6
70
400
35
5.00
110
3-25
RRR137 cb
1.24
MAV-4SM
DC-1000
8.3
7.5
7.0
+11.5
+13
7.0 +24.5
1.4
1.8
85
500
50
5.25
95
3-25
RRR137 cb
1.34
MAV-5SM
50-1500
8.0
7.0
6.5**
5.5
+18.0
+20
6.5 +29.0
1.6
2.0
135
1500
80
8.4
85
––
RRR137 cb
1.90
MAV-11SM
50-1000
12.7
10.5
9.0
+17.5
+13
3.6 +30.0
1.5
1.7
80
550
60
5.50
125
3-25
RRR137 cb
1.62
NOTES:
I Increases below 1500 MHz.
*
RAM models are hermetically sealed.
z
Max. Voltage 7V (DC power at pin 1).
**
Typical gain at 1500 MHz
v
Price of RAM models is for 1-9 quantity.
#
Dash-8 models input and output impedances are not 50 ohms, see S-parameter
data. Conditionally stable, source and load VSWR<3:1 required.
Dash-6 models conditionally stable, source and load VSWR<5:1 required.
J
Low frequency cutoff determined by external coupling capacitors.
i
Specification at 500 MHz.
ii Specification at 2500 MHz.
A.
Environmental specifications and re-flow soldering information available in General
Information Section.
B.
Units are non-hermetic unless otherwise noted. For details on case dimensions &
finishes see “Case Styles & Outline Drawings”.
C.
Prices and Specifications subject to change without notice.
1.
Minimum gain at highest frequency. Full temperature range, except room tempera-
ture for Dash-4 and Dash-5 models.
2.
Model number designated by color dot or alphanumeric code marking.
3.
Frequency at which output power, NF and IP3 are specified:
500 MHz for MAR-1SM, MAR-6SM, RAM-1, RAM-6, MAV-11SM, VAM-6,
1000 MHz for all other models.
4.
Dash-5 and Dash-6 models potentially unstable with very high VSWR terminations.
5.
Minimum output at 1 dB compression: +16.0 dBm for MAV-5SM at room temperature.
6.
Thermal resistance
θjc is from hottest junction in the device to the mounting surface of
the leads.
7.
Permanent damage may occur if any of these limits are exceeded.
note 5
MONOLITHIC AMPLIFIERS
BROADBAND DC to 2.5 GHz
50
up to +18 dBm output
THERMAL
RESIS-
TANCE6
θθθθθjc
°C/W
1
10
100
1,000
10,000
140
150
160
170
180
190
200
JUNCTION TEMPERATURE (°C)
MTTF vs JUNCTION TEMP (VNA-25)
1
10
100
1,000
10,000
100
120
140
160
180
200
Junction Temperature (°C)
MTTF VS JUNCTION TEMP
(MAR MAV RAM VAM)


Similar Part No. - MAR-4SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAR-4 MINI-MAR-4 Datasheet
239Kb / 4P
   Monolithic Amplifier DC-1 GHz
More results

Similar Description - MAR-4SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DG03-170A MINI-DG03-170A Datasheet
107Kb / 2P
   MONOLITHIC AMPLIFIERS
K1-PHA MINI-K1-PHA Datasheet
377Kb / 1P
   Monolithic Amplifiers
REV. OR
DG03-168 MINI-DG03-168 Datasheet
79Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
MNA-SERIES MINI-MNA-SERIES Datasheet
212Kb / 8P
   Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
logo
Analog Devices
AD595CDZ AD-AD595CDZ Datasheet
140Kb / 8P
   Monolithic Thermocouple Amplifiers
REV. C
logo
Mini-Circuits
GALI-19_29_39_49 MINI-GALI-19_29_39_49_59 Datasheet
98Kb / 2P
   Surface Mount Monolithic Amplifiers
LEE-19_29_39_49 MINI-LEE-19_29_39_49_59 Datasheet
144Kb / 2P
   Surface Mount Monolithic Amplifiers
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
   Monolithic Auto-Zeroed Operational Amplifiers
2005
logo
Analog Devices
PM155A AD-PM155A_15 Datasheet
302Kb / 6P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com