Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4E2532M-1113 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4E2532M-1113
Description  SURMOUNT Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4E2532M-1113 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4E2532M-1113 Datasheet HTML 1Page - Tyco Electronics MA4E2532M-1113 Datasheet HTML 2Page - Tyco Electronics MA4E2532M-1113 Datasheet HTML 3Page - Tyco Electronics MA4E2532M-1113 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SurMount
TM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
MA4E2532 Series
V 2.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
3
MA4E2532M-1113 Medium Barrier SPICE PARAMETERS (per Diode)*
Is
(nA)
Rs
(
Ω )
N
Cj0
( pF )
M
Ik
(mA)
Cjpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
5 E-1
9.6
1.20
1.0 E-2
0.5
10
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2
Circuit Mounting Dimensions (Inches)
* Spice parameters (per Diode) are based on the MA4E2502 Series datasheet.
0.020
0.020
0.013
0.020
0.020
0.020
0.020
0.013
Ordering Information
Part Number
Package
MA4E2532L-1113W
Wafer on Frame
MA4E2532L-1113
Die in Carrier
MA4E2532L-1113T
Tape/Reel
MA4E2532M-1113W
Wafer on Frame
MA4E2532M-1113
Die in Carrier
MA4E2532M-1113T
Tape/Reel
MA4E2532L-1113 Low Barrier SPICE PARAMETERS (per Diode)*
Is
(nA)
Rs
(
Ω )
N
Cj0
( pF )
M
Ik
(mA)
Cjpar
(pF)
Vj
(V)
FC
BV
(V)
IBV
(mA)
26
12.8
1.20
1.0 E-2
0.5
14
9.0 E-2
8.0 E-2
0.5
5.0
1.0 E-2


Similar Part No. - MA4E2532M-1113

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2532M-1113 MA-COM-MA4E2532M-1113 Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
MA4E2532M-1113 MA-COM-MA4E2532M-1113 Datasheet
108Kb / 4P
   SURMOUNT Low & Medium Barrier
MA4E2532M-1113T MA-COM-MA4E2532M-1113T Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
MA4E2532M-1113W MA-COM-MA4E2532M-1113W Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
More results

Similar Description - MA4E2532M-1113

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4E2532 MA-COM-MA4E2532 Datasheet
108Kb / 4P
   SURMOUNTTM Low & Medium Barrier Silicon Schottky Diodes: Ring Quad Series
logo
Tyco Electronics
MA4E2514 MACOM-MA4E2514 Datasheet
104Kb / 4P
   SURMOUNT Low and Medium Barrier Silicon Schottky Diodes: Tee Pair
logo
M/A-COM Technology Solu...
MA4E2508 MA-COM-MA4E2508_15 Datasheet
224Kb / 5P
   SURMOUNT Low, Medium, & High Barrier Silicon
MA4E2532L-1113 MA-COM-MA4E2532L-1113 Datasheet
108Kb / 4P
   SURMOUNT Low & Medium Barrier
logo
Tyco Electronics
MA4E2513 MACOM-MA4E2513 Datasheet
90Kb / 3P
   SURMOUNT Low Barrier Tee ??301??Footprint Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com