Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP150A9VS-EYW Datasheet(PDF) 2 Page - Kingbright Corporation

Part # WP150A9VS-EYW
Description  T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP150A9VS-EYW Datasheet(HTML) 2 Page - Kingbright Corporation

  WP150A9VS-EYW Datasheet HTML 1Page - Kingbright Corporation WP150A9VS-EYW Datasheet HTML 2Page - Kingbright Corporation WP150A9VS-EYW Datasheet HTML 3Page - Kingbright Corporation WP150A9VS-EYW Datasheet HTML 4Page - Kingbright Corporation WP150A9VS-EYW Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAF2066
REV NO: V.2
DATE: MAY/21/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102006946
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
3. 5mm below package base.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
WP150A9VS/EYW
High Efficiency Red (GaAsP/GaP)
WHITE DIFFUSED
18
50
Yellow (GaAsP/GaP)
7
30
30
°
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
Yellow
627
590
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
Yellow
625
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
High Efficiency Red
Yellow
45
35
nm
IF=20mA
C
Capacitance
High Efficiency Red
Yellow
15
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
Yellow
2
2.1
2.5
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
Yellow
10
10
uA
VR = 5V
Parameter
High Efficiency Red
Yellow
Units
Power dissipation
75
75
mW
DC Forward Current
30
30
mA
Peak Forward Current [1]
160
140
mA
Reverse Voltage
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Lead Solder Temperature [3]
260°C For 5 Seconds
5


Similar Part No. - WP150A9VS-EYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP150A9VS-EGW KINGBRIGHT-WP150A9VS-EGW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP150A9VS-EYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP59BL-GYW KINGBRIGHT-WP59BL-GYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-EGW KINGBRIGHT-WP150A9VS-EGW Datasheet
301Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP150A9VS-GYW KINGBRIGHT-WP150A9VS-GYW Datasheet
300Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-EYW KINGBRIGHT-WP59BL-EYW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-EGW KINGBRIGHT-WP59CB-EGW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-EYW KINGBRIGHT-WP59CB-EYW Datasheet
298Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59CB-GYW KINGBRIGHT-WP59CB-GYW Datasheet
298Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
WP59BL-EGW KINGBRIGHT-WP59BL-EGW Datasheet
297Kb / 5P
   T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
W5A9EGW123SF KINGBRIGHT-W5A9EGW123SF Datasheet
88Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
L-59EGW KINGBRIGHT-L-59EGW Datasheet
59Kb / 3P
   T-1 3/4(5mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com