Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLRW332M25V20X25F Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NRLRW332M25V20X25F
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW332M25V20X25F Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NRLRW332M25V20X25F Datasheet HTML 3Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 4Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 5Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 6Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 7Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 8Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 9Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 10Page - NIC-Components Corp. NRLRW332M25V20X25F Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
177
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
W.V.
(Vdc)
Cap.
(
µF)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
420
100
20x35
3.316
2.551
0.61
0.85
22x30
3.316
2.551
0.68
0.95
25x25
3.316
2.551
0.67
0.93
120
20x40
2.764
2.126
0.70
0.98
22x35
2.764
2.126
0.73
1.02
25x30
2.764
2.126
0.76
1.06
30x25
2.764
2.126
0.81
1.13
150
20x45
2.211
1.701
0.78
1.09
22x40
2.211
1.701
0.86
1.20
25x35
2.211
1.701
0.87
1.21
30x25
2.211
1.701
0.84
1.17
180
22x45
1.843
1.417
0.96
1.34
25x35
1.843
1.417
0.95
1.33
30x30
1.843
1.417
0.97
1.35
35x25
1.843
1.417
0.91
1.27
220
25x40
1.508
1.160
1.08
1.51
30x35
1.508
1.160
1.14
1.59
35x30
1.508
1.160
1.07
1.49
270
25x50
1.229
0.945
1.38
1.93
30x35
1.229
0.945
1.20
1.68
35x35
1.229
0.945
1.29
1.80
330
30x40
1.005
0.773
1.37
1.91
35x35
1.005
0.773
1.44
2.01
390
30x45
0.851
0.654
1.50
2.10
35x40
0.851
0.654
1.63
2.28
470
35x45
0.706
0.543
1.88
2.63
450
47
20x25
7.055
5.427
0.39
0.54
56
20x30
5.921
4.555
0.51
0.71
22x25
5.921
4.555
0.44
0.61
68
20x35
4.877
3.751
0.56
0.78
22x30
4.877
3.751
0.53
0.74
82
20x35
4.044
3.111
0.64
0.89
22x30
4.044
3.111
0.64
0.89
25x25
4.044
3.111
0.64
0.89
100
20x45
3.316
2.551
0.69
0.96
22x35
3.316
2.551
0.69
0.96
25x30
3.316
2.551
0.69
0.96
30x25
3.316
2.551
0.69
0.96
120
20x50
2.764
2.126
0.75
1.05
22x40
2.764
2.126
0.75
1.05
25x30
2.764
2.126
0.75
1.05
30x25
2.764
2.126
0.80
1.12
150
22x45
2.211
1.701
0.88
1.23
25x35
2.211
1.701
0.88
1.23
30x30
2.211
1.701
0.88
1.23
35x25
2.211
1.701
0.75
1.05
180
25x40
1.843
1.417
0.95
1.33
30x30
1.843
1.417
1.00
1.40
35x30
1.843
1.417
0.86
1.20
220
25x45
1.508
1.160
1.10
1.54
30x35
1.508
1.160
1.12
1.56
35x30
1.508
1.160
1.05
1.47
270
30x40
1.229
0.945
1.28
1.79
35x35
1.229
0.945
1.27
1.77
330
30x50
1.005
0.773
1.45
2.03
35x40
1.005
0.773
1.45
2.03
390
35x40
0.851
0.654
1.65
2.31
470
35x50
0.706
0.543
1.85
2.59
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLRW332M25V20X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW332M100V30X45SF NIC-NRLRW332M100V30X45SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW332M100V35X35SF NIC-NRLRW332M100V35X35SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW332M35V20X30SF NIC-NRLRW332M35V20X30SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW332M50V20X40SF NIC-NRLRW332M50V20X40SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW332M50V22X35SF NIC-NRLRW332M50V22X35SF Datasheet
123Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW332M25V20X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com