Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRSJ122M6.3V10X12.5TBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSJ122M6.3V10X12.5TBF
Description  Miniature Aluminum Electrolytic Ca pac i tors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSJ122M6.3V10X12.5TBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSJ122M6.3V10X12.5TBF Datasheet HTML 1Page - NIC-Components Corp. NRSJ122M6.3V10X12.5TBF Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
112
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NRSK Series
Miniature Aluminum Electrolytic Capacitors
DIAMETER AND LEADSPACE (mm)
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
STANDARD PRODUCT AND CASE SIZE TABLE DΦ x L (mm)
Cap
(
µF)
Code
Working Voltage (Vdc)
6.3
10
16
470
471
-
-
8x11.5
680
681
-
8x11.5
8x16
10x12.5
820
821
8x11.5
-
-
1000
102
8x11.5
8x16
8x20
10x12.5
10x16
1200
122
8x16
-
-
1500
152
8x20
8x20
10x20
10x12.5
10x16
1800
182
10x16
10x20
10x23
2200
222
10x20
10x23
-
3300
332
10x23
-
-
Case Dia. (D
φ)
8
10
Lead Dia. (d
φ)
0.6 0.6
Lead Spacing (F)
3.5 5.0
Dim.
α
0.5 0.5
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm


Similar Part No. - NRSJ122M6.3V10X12.5TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSJ121M10V10X12.5TBF NIC-NRSJ121M10V10X12.5TBF Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ121M10V10X16TBF NIC-NRSJ121M10V10X16TBF Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ121M10V10X20TBF NIC-NRSJ121M10V10X20TBF Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ121M10V8X11.5TBF NIC-NRSJ121M10V8X11.5TBF Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ121M10V8X20TBF NIC-NRSJ121M10V8X20TBF Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSJ122M6.3V10X12.5TBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSG NIC-NRSG Datasheet
240Kb / 3P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC Datasheet
52Kb / 4P
   Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
   Miniature Aluminum Electrolytic Cap ac i tors
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com