Electronic Components Datasheet Search |
|
REG102UA-5 Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
REG102UA-5 Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 23 page REG102 3 SBVS024F www.ti.com ELECTRICAL CHARACTERISTICS Boldface limits apply over the specified temperature range, TJ = –40°C to +85°C. At TJ = +25°C, VIN = VOUT + 1V (VOUT = 2.5V for REG102-A), VENABLE = 1.8V, IOUT = 5mA, CNR = 0.01µF, and COUT = 0.1µF(1), unless otherwise noted. REG102NA REG102GA REG102UA PARAMETER CONDITION MIN TYP MAX UNITS OUTPUT VOLTAGE Output Voltage Range VOUT REG102-2.5 2.5 V REG102-2.8 2.8 V REG102-2.85 2.85 V REG102-3.0 3.0 V REG102-3.3 3.3 V REG102-5 5V REG102-A 2.5 5.5 V Reference Voltage VREF 1.26 V Adjust Pin Current IADJ 0.2 1 µA Accuracy ±0.5 ±1.5 % Over Temperature ±2.3 % vs Temperature dVOUT/dT 50 ppm/ °C vs Line and Load IOUT = 5mA to 250mA, VIN = (VOUT + 0.4V) to 10V ±0.8 ±2.0 % Over Temperature VIN = (VOUT + 0.6V) to 10V ±2.8 % DC DROPOUT VOLTAGE(2) VDROP IOUT = 5mA 4 10 mV For all models IOUT = 250mA 150 220 mV Over Temperature IOUT = 250mA 270 mV VOLTAGE NOISE f = 10Hz to 100kHz Vn Without CNR (all models) CNR = 0, COUT = 0 23 µVrms/V • V OUT µVrms With CNR (all fixed voltage models) CNR = 0.01µF, COUT = 10µF7µVrms/V • VOUT µVrms OUTPUT CURRENT Current Limit(3) ICL 340 400 470 mA Over Temperature 300 490 mA Short-Circuit Current Limit ISC 150 mA RIPPLE REJECTION f = 120Hz 65 dB ENABLE CONTROL VENABLE High (output enabled) VENABLE 1.8 VIN V VENABLE Low (output disabled) –0.2 0.5 V IENABLE High (output enabled) IENABLE VENABLE = 1.8V to VIN, VIN = 1.8V to 6.5(4) 1 100 nA IENABLE Low (output disabled) VENABLE = 0V to 0.5V 2 100 nA Output Disable Time COUT = 1.0µF, RLOAD = 13Ω 50 µs Output Enable Softstart Time COUT = 1.0µF, RLOAD = 13Ω 1.5 ms THERMAL SHUTDOWN Junction Temperature Shutdown 160 °C Reset from Shutdown 140 °C GROUND PIN CURRENT Ground Pin Current IGND IOUT = 5mA 400 500 µA IOUT = 250mA 600 800 µA Enable Pin Low VENABLE ≤ 0.5V 0.01 0.2 µA INPUT VOLTAGE VIN Operating Input Voltage Range(5) 1.8 10 V Specified Input Voltage Range VIN > 1.8V VOUT + 0.4 10 V Over Temperature VIN > 1.8V VOUT + 0.6 10 V TEMPERATURE RANGE Specified Range TJ –40 +85 °C Operating Range TJ –55 +125 °C Storage Range TA –65 +150 °C Thermal Resistance SOT23-5 Surface-Mount θ JA Junction-to-Ambient 200 °C/W SO-8 Surface-Mount θ JA Junction-to-Ambient 150 °C/W SOT223-5 Surface-Mount θ JC Junction-to-Case 15 °C/W θ JA Junction-to-Ambient See Figure 8 °C/W NOTES: (1) The REG102 does not require a minimum output capacitor for stability, however, transient response can be improved with proper capacitor selection. (2) Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the output voltage from the value at VIN = VOUT + 1V at fixed load. (3) Current limit is the output current that produces a 10% change in output voltage from VIN = VOUT + 1V and IOUT = 5mA. (4) For VENABLE > 6.5V, see typical characteristic IENABLE vs VENABLE. (5) The REG102 no longer regulates when VIN < VOUT + VDROP (MAX). In dropout, the impedance from VIN to VOUT is typically less than 1Ω at TJ = +25°C. |
Similar Part No. - REG102UA-5 |
|
Similar Description - REG102UA-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |