Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3A1512-AUT Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT32UC3A1512-AUT
Description  AVR32 32-Bit Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3A1512-AUT Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT32UC3A1512-AUT Datasheet HTML 6Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 7Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 8Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 9Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 10Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 11Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 12Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 13Page - ATMEL Corporation AT32UC3A1512-AUT Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
10
32058AS–AVR32–03/07
TX_DATA
SSC Transmit Data
Output
TX_FRAME_SYNC
SSC Transmit Frame Sync
I/O
Timer/Counter - TIMER
A0
Channel 0 Line A
I/O
A1
Channel 1 Line A
I/O
A2
Channel 2 Line A
I/O
B0
Channel 0 Line B
I/O
B1
Channel 1 Line B
I/O
B2
Channel 2 Line B
I/O
CLK0
Channel 0 External Clock Input
Input
CLK1
Channel 1 External Clock Input
Input
CLK2
Channel 2 External Clock Input
Input
Two-wire Interface - TWI
SCL
Serial Clock
I/O
SDA
Serial Data
I/O
Universal Synchronous Asynchronous Receiver Transmitter - USART0, USART1, USART2, USART3
CLK
Clock
I/O
CTS
Clear To Send
Input
Only USART0, USART1
DCD
Data Carrier Detect
Only USART0
DSR
Data Set Ready
Only USART0
DTR
Data Terminal Ready
Only USART0
RI
Ring Indicator
Only USART0
RTS
Request To Send
Output
Only USART0, USART1
RXD
Receive Data
Input
RXDN
Inverted Receive Data
Input
Low
TXD
Transmit Data
Output
TXDN
Inverted Transmit Data
Output
Low
Analog to Digital Converter - ADC
Table 4-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT32UC3A1512-AUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3A1512-AUT ATMEL-AT32UC3A1512-AUT Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32UC3A1512-AUT ATMEL-AT32UC3A1512-AUT Datasheet
11Mb / 826P
   AVR32 32-Bit Microcontroller
More results

Similar Description - AT32UC3A1512-AUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_09 Datasheet
707Kb / 63P
   AVR32 32-bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_1 Datasheet
13Mb / 896P
   AVR32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_08 Datasheet
1Mb / 86P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_09 Datasheet
814Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_09 Datasheet
1Mb / 75P
   AVR32 32-Bit Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064 Datasheet
1Mb / 71P
   AVR32 32-bit Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_1 Datasheet
14Mb / 961P
   AVR32 32-Bit Microcontroller
AT32AP7001 ATMEL-AT32AP7001_08 Datasheet
754Kb / 49P
   AVR32 32-bit Microcontroller
AT32UC3B0256 ATMEL-AT32UC3B0256_08 Datasheet
1Mb / 65P
   AVR32 32-Bit Microcontroller
AT32AP7000 ATMEL-AT32AP7000_1 Datasheet
9Mb / 973P
   AVR32 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com